công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3005ITD1033T bảng dữ liệu(PDF) 9 Page - Touchstone Semiconductor Inc

tên linh kiện TS3005ITD1033T
Giải thích chi tiết về linh kiện  A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3005ITD1033T bảng dữ liệu(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3005ITD1033T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS3005
TS3005DS r1p0
Page 9
RTFDS
capacitance at either or both FOUT and PWMOUT
terminals is to be ≤5p , then the value of C
EXT should
be ≤7.5p .
TS3005 Start-up Time
As the TS3005 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator
achieves
steady-state operation
within
18ms.
5 Weeks and 5 Days Counter Circuit with TS3005
The TS3005 can be configured into a 5 Weeks and 5
Days counter as shown in Figure 2. The circuit is
composed of a TS3005 timer and a dual 74VHC393
4-bit counter. The TS3005 divider inputs are set to
FDIV2:0 = 111. With an RSET of 11
MΩ, the FOUT
period is approximately 30 hours. The complete
circuit
consumes
approximately
4.5µA
and
is
powered with a single 3V CR2032 lithium button cell
battery. If a shorter period is desired, a 10 day period
is available via output 1QD.
Divide the PWMOUT Output Frequency by Two
with the TS3005
Using a single resistor and capacitor, the TS3005 can
be configured to a divide by two circuit as shown in
Figure 3. To achieve a divide by two function with the
TS3005, the pulse width of the PWMOUT output
must be at least a factor of 2 greater than the period
set at FOUT by resistor RSET. The CPWM capacitor
selected must meet this pulse width requirement and
can be calculated using Equation 2. In Figure 3, a
value of
4.32MΩ for RS T sets the
O T output
period to 20.5ms. A CPWM capacitor of 0.1µF was
chosen, which sets the pulse width of PWMOUT to
Figure 3: Configuring the TS3005 into a Divide by
Two Frequency Divider
Figure 2: 5 Weeks and 5 Days Counter Circuit


Số phần tương tự - TS3005ITD1033T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS3005ITD1033T SILABS-TS3005ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

Mô tả tương tự - TS3005ITD1033T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com