công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1005IJ5TP bảng dữ liệu(PDF) 2 Page - Touchstone Semiconductor Inc

tên linh kiện TS1005IJ5TP
Giải thích chi tiết về linh kiện  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005IJ5TP bảng dữ liệu(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1005IJ5TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005IJ5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1005
Page 2
TS1005DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VDD to VSS) .............................. +6.0V
Voltage Inputs (IN+, IN-) ........... (VSS - 0.3V) to (VDD + 0.3V)
Differential Input Voltage............................................±6.0 V
Input Current (IN+, IN-) ..............................................20 mA
Output Short-Circuit Duration to GND ....................Indefinite
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 3.87mW/°C above +70°C) ...310 mW
Operating Temperature Range .................... -40°C to +85°C
Junction Temperature .............................................. +150°C
Storage Temperature Range ..................... -65°C to +150°C
Lead Temperature (soldering, 10s)............................. +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
TAPE & REEL
ORDER NUMBER
PART
MARKING
PACKAGE
QUANTITY
TS1005IJ5TP
TAJ
---
TS1005IJ5T
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Số phần tương tự - TS1005IJ5TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1005IJ5T SILABS-TS1005IJ5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

Mô tả tương tự - TS1005IJ5TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com