công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBTH81LT1 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MMBTH81LT1
Giải thích chi tiết về linh kiện  UHF/VHF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBTH81LT1 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MMBTH81LT1 Datasheet HTML 1Page - Motorola, Inc MMBTH81LT1 Datasheet HTML 2Page - Motorola, Inc MMBTH81LT1 Datasheet HTML 3Page - Motorola, Inc MMBTH81LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
UHF/VHF Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–20
Vdc
Collector–Base Voltage
VCBO
–20
Vdc
Emitter–Base Voltage
VEBO
–3.0
Vdc
DEVICE MARKING
MMBTH81LT1 = 3D
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–20
Vdc
Collector–Base Breakdown Voltage (IC = –10 µAdc, IE = 0)
V(BR)CBO
–20
Vdc
Emitter–Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
–3.0
Vdc
Collector Cutoff Current (VCB = –10 Vdc, IE = 0)
ICBO
–100
nAdc
Emitter Cutoff Current (VEB = –2.0 Vdc, IC = 0)
IEBO
–100
nAdc
ON CHARACTERISTICS
DC Current Gain (IC = –5.0 mAdc, VCE = –10 Vdc)
hFE
60
Collector–Emitter Saturation Voltage (IC = –5.0 mAdc, IB = –0.5 mAdc)
VCE(sat)
–0.5
Vdc
Base–Emitter On Voltage (IC = –5.0 mAdc, VCE = –10 Vdc)
VBE(on)
–0.9
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = –5.0 mAdc, VCE = –10 Vdc, f = 100 MHz)
fT
600
MHz
Collector–Base Capacitance (VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.85
pF
Collector–Emitter Capacitance (IB = 0, VCB = –10 Vdc, f = 1.0 MHz)
Cce
0.65
pF
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMBTH81LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBTH81LT1
Motorola Preferred Device
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Số phần tương tự - MMBTH81LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MMBTH81 FAIRCHILD-MMBTH81 Datasheet
721Kb / 11P
   PNP RF Transistor
logo
Motorola, Inc
MMBTH81 MOTOROLA-MMBTH81 Datasheet
126Kb / 4P
   UHF/VHF TRANSISTOR PMP SILICON
logo
ON Semiconductor
MMBTH81 ONSEMI-MMBTH81 Datasheet
615Kb / 11P
   PNP RF Transistor
October-2017, Rev. 2
More results

Mô tả tương tự - MMBTH81LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com