công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-NXT-2W bảng dữ liệu(PDF) 4 Page - Microdc power Technology Co., Ltd

tên linh kiện D-NXT-2W
Giải thích chi tiết về linh kiện  2W, FIXED INPUT, ISOLATED & UNREGULATEDTWINOUTPUTULTRAMINIATURESMD PACKAGE DC-DCCONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-NXT-2W bảng dữ liệu(HTML) 4 Page - Microdc power Technology Co., Ltd

  D-NXT-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-
D-
D-
D-
D-
D-
D-
D-N
N
N
N
N
N
N
NXT-
XT-
XT-
XT-
XT-
XT-
XT-
XT-2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
DESIGN
DESIGN
DESIGN
DESIGN
DESIGN
DESIGN
DESIGN
DESIGN CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
CONSIDERATIONS
1)
1)
1)
1) Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load.If the
actual output power is very small, please connect a resistor with proper resistance at the output end in parallel
to increase the load, or use our company 
products with a lower rated output power (D-NXT-2W).
2)
2)
2)
2) Overload
Overload
Overload
Overload Protection
Protection
Protection
Protection
Under normal operating conditions,
the output circuit of these products has no protection against overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
Input
Input
Input
Input Fuse
Fuse
Fuse
Fuse Selection
Selection
Selection
Selection Guide
Guide
Guide
Guide
3)
3)
3)
3) Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
If you want to further decrease the input/output
ripple , a capacitor
filtering network may be connected to the input and output ends of
the DC/DC
converter, see (Figure 2).
It should also be noted
that the capacitance of
filter capacitor must be proper. If the capacitance
is
too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4)
4)
4)
4) Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage Regulation
Regulation
Regulation
Regulation and
and
and
and Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator and an capacitor
filtering network with
overheat protection that is connected to the input or output end in series (Figure 3),
the recommended capacitance of its filter capacitor sees (Table 1), linear
regulator based on the actual voltage and current to required.
5)
5)
5)
5) Cannot
Cannot
Cannot
Cannot use
use
use
use in
in
in
in parallel
parallel
parallel
parallel and
and
and
and hot
hot
hot
hot swap
swap
swap
swap
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. Max. Capacitive Load tested at nominal input voltage, full load and constant resistive load.
3. All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on our corporate standards.
5. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail.
6. Contact us for your specific requirement.
7. Specifications subject to change without prior notice.


Số phần tương tự - D-NXT-2W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results

Mô tả tương tự - D-NXT-2W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
logo
GAPTEC Electronic GmbH ...
2D16A GAPTEC-2D16A Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com