công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV-CTLR-IC bảng dữ liệu(PDF) 2 Page - Emcore Corporation

tên linh kiện OPV-CTLR-IC
Giải thích chi tiết về linh kiện  DWDM Wideband Optical Link
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMCORE [Emcore Corporation]
Trang chủ  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OPV-CTLR-IC bảng dữ liệu(HTML) 2 Page - Emcore Corporation

  OPV-CTLR-IC Datasheet HTML 1Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 2Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 3Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SATCOM
DATASHEET | DECEMBER 2012
© 2012 EMCORE Corporation
| REV 2012.12
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
Performance Highlights
Parameter
Min
Typical
Max
Units
Link
Frequency Range
50 Ohm
75 Ohm
50
50
-
-
2500
2500
MHz
MHz
Link Gain @ 1 dB Optical Loss
0
30
-
dBo
Noise Figure (TG at Max, 2150 MHz, 1 dBo Loss)
-
10
15
dB
Input IP3 (TG Max, 2150 MHz, 1 dBo Loss)
-
-
2
dBm
Spur Free Dynamic Range (1 dBo Loss)
-
110
105
dB/Hz2/3
Air Temperature
-10
-
50
˚C
TX
RF Input within SGC range1
-
0 to -35
-
dBm
TX Gain (TG) at max, 1 GHz2
0
8
-
dB (W/A)
TG Adjustment Range (reduction from max)
30
-
-
dB
Non DWDM Wavelengths
1280
1530
-
-
1340
1560
nm
DWDM Wavelengths (See Center Wavelength Table for
Specific Channel Center)
1534
-
1562
nm
Input Return Loss
50 - 200 MHz
950 - 2150 MHz
50 MHz - 3000 MHz
8
15
18
13
-
-
-
dB
LNB Voltage
Current
16
-
17
-
19
350
V
mA
Optical Power
8
9
10
dBmo
DC Power
LNB Off
-
-
12
-
-
500
V
mA
RX
RF Output (Tx at peak, 1 dBmo into Rx)
-
-8 to -25
-
dBm
RX Gain (RG), at max, 1 GHz2
20
22
-
dB (A/W)
RG Adjustment Range (reduction from max)
30
-
-
dB
Output IP3 (2150 MHz)
20
25
-
dBm
Output 1dB compression (2150 MHz)
-
15
-
dBm
Receiver Sensitivity
-
-20
-
dBmo
Output Return Loss
50 - 200 MHz
950 - 2150 MHz
50 MHz - 3000 MHz
10
10
15
10
-
-
-
dB
DC Power
-
-
12
-
-
250
V
mA
Typical S21
OTS-1LD (TX & RX)
5.06 in.
128 mm
3 RU
TX
RX
Enclosure Options
OT-CC-16F
OT-CC-6
OT-DTCR-2
OT-DTCR-1
OTS-1LD
DWDM Wideband Optical Link
1. Wider RF inputs are acceptable, but will set the RF amp gain to its limit.
2. Link RF Gain
dB = TG + RG – 2*FiberLossdBo
(assumes Rin = Rout)
3. dBmo & dBo indicate optical power & loss to minimize confusion with RF dBm & dB
2 dB per division
2.5 GHz
.05 GHz
3.5 GHz


Số phần tương tự - OPV-CTLR-IC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Emcore Corporation
OPV-CTLR-IC EMCORE-OPV-CTLR-IC Datasheet
936Kb / 3P
   Wideband Optical Link
OPV-CTLR-IC EMCORE-OPV-CTLR-IC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
More results

Mô tả tương tự - OPV-CTLR-IC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
   Wideband Optical Link
OTS-1L EMCORE-OTS-1L_12 Datasheet
936Kb / 3P
   Wideband Optical Link
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com