công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP184 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
OP184 bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 20 page REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a Precision Rail-to-Rail Input & Output Operational Amplifiers OP184/OP284/OP484 FEATURES Single-Supply Operation Wide Bandwidth: 4 MHz Low Offset Voltage: 65 V Unity-Gain Stable High Slew Rate: 4.0 V/ s Low Noise: 3.9 nV/ √Hz APPLICATIONS Battery Powered Instrumentation Power Supply Control and Protection Telecom DAC Output Amplifier ADC Input Buffer GENERAL DESCRIPTION The OP184/OP284/OP484 are single, dual and quad single- supply, 4 MHz bandwidth amplifiers featuring rail-to-rail inputs and outputs. They are guaranteed to operate from +3 to +36 (or ±1.5 to ±18) volts and will function with a single supply as low as +1.5 volts. These amplifiers are superb for single supply applications re- quiring both ac and precision dc performance. The combination of bandwidth, low noise and precision makes the OP184/OP284/ OP484 useful in a wide variety of applications, including filters and instrumentation. Other applications for these amplifiers include portable telecom equipment, power supply control and protection, and as amplifi- ers or buffers for transducers with wide output ranges. Sensors requiring a rail-to-rail input amplifier include Hall effect, piezo electric, and resistive transducers. The ability to swing rail-to-rail at both the input and output en- ables designers to build multistage filters in single-supply sys- tems and to maintain high signal-to-noise ratios. The OP184/OP284/OP484 are specified over the HOT extended industrial (–40 °C to +125°C) temperature range. The single and dual are available in 8-pin plastic DIP plus SO surface mount packages. The quad OP484 is available in 14-pin plastic DIPs and 14-lead narrow-body SO packages. PIN CONFIGURATIONS 8-Lead Epoxy DIP (P Suffix) 8-Lead SO (S Suffix) 1 2 3 4 8 7 6 5 OUT A V+ NULL NC NULL –IN A +IN A V– OP184 NC = NO CONNECT 8-Lead Epoxy DIP (P Suffix) 8-Lead SO (S Suffix) 1 2 3 4 8 7 6 5 OP284 OUT B –IN B +IN B V+ OUT A –IN A +IN A V– 14-Lead Epoxy DIP (P Suffix) 14-Lead Narrow-Body SO (S Suffix) 14 13 12 11 10 9 8 1 2 3 4 5 6 7 OP484 OUT A –IN A +IN A V+ +IN B –IN B OUT B OUT D –IN D +IN D V– +IN C –IN C OUT C One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 © Analog Devices, Inc., 1996 |
Số phần tương tự - OP184 |
|
Mô tả tương tự - OP184 |