công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6552 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6552
Giải thích chi tiết về linh kiện  selecting amplifiers, adcs, and clocks for high-performance signal paths
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH6552 Datasheet HTML 1Page - Texas Instruments LMH6552 Datasheet HTML 2Page - Texas Instruments LMH6552 Datasheet HTML 3Page - Texas Instruments LMH6552 Datasheet HTML 4Page - Texas Instruments LMH6552 Datasheet HTML 5Page - Texas Instruments LMH6552 Datasheet HTML 6Page - Texas Instruments LMH6552 Datasheet HTML 7Page - Texas Instruments LMH6552 Datasheet HTML 8Page - Texas Instruments LMH6552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4
SIGNAL PATH
designer
signal A and prevent recovery at baseband. Figure 3c
shows the required bandpass filter.
Often in an under-sampled system, the signal
bandwidth of interest is over-sampled, such as a
100 MSPS sampling of a 5 MHz-bandwidth signal,
and post-filtered digitally to improve the dynamic
range of the system. Noise-processing gain is obtained
by the fact that the ADC’s input referred noise is
spread over the entire 1st Nyquist zone from zero to
fS/2. By restricting the input bandwidth to less than
fS/2, the noise at the input of the ADC is reduced,
giving increased dynamic range and resolution. The
added processing gain is given by the equation:
Processing Gain = 10 log [(fs/2)/ BW] dB
where BW is the post-filtered signal bandwidth. For
fS = 100 MSPS and BW = 5 MHz, this equates
to a 10 dB-processing gain. To maximize process-
ing gain, over-sample the signal bandwidth at the
highest-possible sample rate, and post-process the
narrowest-possible signal bandwidth.
Under-sampling is employed in many modern radio
and RADAR systems where a single, analog-mixer
stage down-converts an RF signal to an IF signal
which, after bandpass filtering, is aliased to digital
baseband where the final signal is extracted by
further digital processing. This reduces the number
of analog-mixer and filter stages. Under-sampling
the input signal is equivalent to a baseband ADC
plus IF down-conversion mixer. The downside of
under-sampling is the higher-frequency perfor-
mance required from the amplifier and ADC, more
stringent jitter requirements on the ADC clock,
and the requirements for DSP processing.
Sampling Clock Considerations
Clock jitter on the ADC clock is
another key factor affecting the
sampling
system
Signal-to-Noise
Ratio (SNR). At high-input-signal
frequencies, the SNR of the ADC
departs from the familiar quantiza-
tion-noise-limited level of 6.02n
+ 1.76 dB (where n = number of bits)
to the jitter-noise-limited level of
-20 x log(2π x fSIGNAL x tjrms).
The variable fSIGNAL is the highest-input-signal-
frequency component for conversion by the ADC.
The variable tjrms is the total-rms clock jitter in
seconds, given by the root-sum square of all the
rms-timing jitter components from the different
stages in the clock path including the clock source,
clock buffer, and the internal-clock circuit within
the ADC.
For example, to obtain 74 dB-SNR performance at
300 MHz requires the total rms jitter in the clock
path including the ADC to be less than 105 femto
seconds (fs) rms. National’s newest high-sample-
rate converters are specified with 2 VP-P differential
clocks to minimize jitter and maximize SNR. It is
important to drive these inputs with low-jitter clocks.
For instance, a 70 fs, external-clock-path jitter com-
bined with a 70 fs, internal-ADC-clock jitter delivers
100 fs total jitter (combined in rss fashion). National
offers a family of low-jitter-clock components targeted
at this application.
ADC Input Stage
When choosing an amplifier to drive a high-speed
ADC, it is important to understand the load that
the amplifier is required to drive. The internal front
end of an unbuffered ADC typically consists of a
sampling-input network controlled by a sample-
and-hold clock signal which commands the input
network to either sample the applied input signal or
hold the input state for conversion (Figure 4).
This input network presents a changing capacitive
load to the driver stage as it transitions repeatedly
between sample and hold, causing transient charg-
ing spikes at the ADC input, which are made worse
1st
Frequency
Nyquist
Zone
Wanted
Input
Signal
A
2nd
Nyquist
Zone
3rd
Nyquist
Zone
4th
Nyquist
Zone
5th
Nyquist
Zone
6th
Nyquist
Zone
7th
Nyquist
Zone
8th
Nyquist
Zone
9th
Nyquist
Zone
10th
Nyquist
Zone
11th
Nyquist
Zone
12th
Nyquist
Zone
Unwanted
Signal B
Alias
of A
Bandpass
Filter
2f s
fs
3f s
4f s
5f s
Figure 3c. Unwanted signal B prevented from aliasing B by bandpass filter around A
Selecting Amplifiers, ADCs, and Clocks for High-Performance Signal Paths
SignalPathDesigner.indd 4
SignalPathDesigner.indd 4
9/5/07 3:24:33 PM
9/5/07 3:24:33 PM


Số phần tương tự - LMH6552

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MA TI1-LMH6552MA Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MA/NOPB TI1-LMH6552MA/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MANOPB TI1-LMH6552MANOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results

Mô tả tương tự - LMH6552

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
DS3104DK MAXIM-DS3104DK Datasheet
1Mb / 35P
   Careful Layout for Analog Signal Paths
Rev: 112007
DS3106DK MAXIM-DS3106DK Datasheet
1Mb / 32P
   Careful Layout for Analog Signal Paths
Rev: 012208
logo
Analog Devices
CN-0109 AD-CN-0109 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
ADSP-21060 AD-ADSP-21060 Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com