công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC104S085CIMM bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện DAC104S085CIMM
Giải thích chi tiết về linh kiện  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC104S085CIMM bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC104S085CIMM Datasheet HTML 1Page - Texas Instruments DAC104S085CIMM Datasheet HTML 2Page - Texas Instruments DAC104S085CIMM Datasheet HTML 3Page - Texas Instruments DAC104S085CIMM Datasheet HTML 4Page - Texas Instruments DAC104S085CIMM Datasheet HTML 5Page - Texas Instruments DAC104S085CIMM Datasheet HTML 6Page - Texas Instruments DAC104S085CIMM Datasheet HTML 7Page - Texas Instruments DAC104S085CIMM Datasheet HTML 8Page - Texas Instruments DAC104S085CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DAC104S085
www.ti.com
SNAS362E – MAY 2006 – REVISED OCTOBER 2012
DAC104S085/DAC104S085-Q1 10-Bit Micro Power QUAD Digital-to-Analog Converter with
Rail-to-Rail Output
Check for Samples: DAC104S085
1
FEATURES
Power Down Modes
AEC-Q100 Grade 1 Qualified
2
Guaranteed Monotonicity
APPLICATIONS
Low Power Operation
Battery-Powered Instruments
Rail-to-Rail Voltage Output
Digital Gain and Offset Adjustment
Power-on Reset to 0V
Programmable Voltage & Current Sources
Simultaneous Output Updating
Programmable Attenuators
Wide power supply range (+2.7V to +5.5V)
Automotive
Industry's Smallest Package
DESCRIPTION
The DAC104S085 is a full-featured, general purpose QUAD 10-bit voltage-output digital-to-analog converter
(DAC) that can operate from a single +2.7V to 5.5V supply and consumes 1.1 mW at 3V and 2.5 mW at 5V. The
DAC104S085 is packaged in 10-lead SON and VSSOP packages. The 10-lead SON package makes the
DAC104S085 the smallest QUAD DAC in its class. The on-chip output amplifier allows rail-to-rail output swing
and the three wire serial interface operates at clock rates up to 40 MHz over the entire supply voltage range.
Competitive devices are limited to 25 MHz clock rates at supply voltages in the 2.7V to 3.6V range. The serial
interface is compatible with standard SPI, QSPI, MICROWIRE and DSP interfaces.
The reference for the DAC104S085 serves all four channels and can vary in voltage between 1V and VA,
providing the widest possible output dynamic range. The DAC104S085 has a 16-bit input shift register that
controls the outputs to be updated, the mode of operation, the powerdown condition, and the binary input data.
All four outputs can be updated simultaneously or individually depending on the setting of the two mode of
operation bits.
A power-on reset circuit ensures that the DAC output powers up to zero volts and remains there until there is a
valid write to the device. A power-down feature reduces power consumption to less than a microWatt with three
different termination options.
The low power consumption and small packages of the DAC104S085 make it an excellent choice for use in
battery operated equipment.
The DAC104S085 is one of a family of pin compatible DACs, including the 8-bit DAC084S085 and the 12-bit
DAC124S085. The DAC104S085 operates over the extended industrial temperature range of
−40°C to +125°C.
Table 1. Key Specifications
VALUE
UNIT
Resolution
10
bits
INL
±2
LSB (max)
DNL
+0.35 /
−0.25
LSB (max)
Settling Time
6
µs (max)
Zero Code Error
+15
mV (max)
Full-Scale Error
−0.75
%FS (max)
Supply Power
1.1
mW (3V)
Normal
2.5
mW (5V) typ
0.3
µW (3V)
Power Down
0.8
µW (5V) typ
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC104S085CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC104S085CIMM NSC-DAC104S085CIMM Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX NSC-DAC104S085CIMMX Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Mô tả tương tự - DAC104S085CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com