công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL210 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXL210
Giải thích chi tiết về linh kiện  Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL210 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXL210 Datasheet HTML 1Page - Analog Devices ADXL210 Datasheet HTML 2Page - Analog Devices ADXL210 Datasheet HTML 3Page - Analog Devices ADXL210 Datasheet HTML 4Page - Analog Devices ADXL210 Datasheet HTML 5Page - Analog Devices ADXL210 Datasheet HTML 6Page - Analog Devices ADXL210 Datasheet HTML 7Page - Analog Devices ADXL210 Datasheet HTML 8Page - Analog Devices ADXL210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ADXL202/ADXL210
–3–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin
Name
Description
1
NC
No Connect
2VTP
Test Point, Do Not Connect
3
ST
Self Test
4
COM
Common
5
T2
Connect RSET to Set T2 Period
6
NC
No Connect
7
COM
Common
8
NC
No Connect
9YOUT
Y Axis Duty Cycle Output
10
XOUT
X Axis Duty Cycle Output
11
YFILT
Connect Capacitor for Y Filter
12
XFILT
Connect Capacitor for X Filter
13
VDD
+3 V to +5.25 V, Connect to 14
14
VDD
+3 V to +5.25 V, Connect to 13
PACKAGE CHARACTERISTICS
Package
JA
JC
Device Weight
14-Lead CERPAK
110
°C/W
30
°C/W
5 Grams
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(Any Pin to Common) . . . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL202/ADXL210 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
Drops onto hard surfaces can cause shocks of greater than 1000 g
and exceed the absolute maximum rating of the device. Care
should be exercised in handling to avoid damage.
PIN CONFIGURATION
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AY
AX
NC = NO CONNECT
NC
YFILT
XFILT
VDD
VDD
VTP
ST
COM
NC
YOUT
XOUT
T2
NC
COM
ADXL202/
ADXL210
Figure 1 shows the response of the ADXL202 to the Earth’s
gravitational field. The output values shown are nominal. They
are presented to show the user what type of response to expect
from each of the output pins due to changes in orientation with
respect to the Earth. The ADXL210 reacts similarly with out-
put changes appropriate to its scale.
TYPICAL OUTPUT AT PIN:
9 = 50% DUTY CYCLE
10 = 62.5% DUTY CYCLE
11 = 2.5V
12 = 2.188V
TYPICAL OUTPUT AT PIN:
9 = 62.5% DUTY CYCLE
10 = 50% DUTY CYCLE
11 = 2.188V
12 = 2.5V
TYPICAL OUTPUT AT PIN:
9 = 37.5% DUTY CYCLE
10 = 50% DUTY CYCLE
11 = 2.812V
12 = 2.5V
TYPICAL OUTPUT AT PIN:
9 = 50% DUTY CYCLE
10 = 37.5% DUTY CYCLE
11 = 2.5V
12 = 2.812V
EARTH'S SURFACE
1
g
Figure 1. ADXL202/ADXL210 Nominal Response Due to
Gravity
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
g
Temperature
Package
Package
Model
Range
Range
Description
Option
ADXL202JQC
± 20°C to +70°C
14-Lead CERPAK
QC-14
ADXL202AQC
± 2
–40
°C to +85°C
14-Lead CERPAK
QC-14
ADXL210JQC
± 10
0
°C to +70°C
14-Lead CERPAK
QC-14
ADXL210AQC
± 10
–40
°C to +85°C
14-Lead CERPAK
QC-14


Số phần tương tự - ADXL210

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210 AD-ADXL210_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
More results

Mô tả tương tự - ADXL210

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com