công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL250 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXL250
Giải thích chi tiết về linh kiện  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL250 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXL250 Datasheet HTML 1Page - Analog Devices ADXL250 Datasheet HTML 2Page - Analog Devices ADXL250 Datasheet HTML 3Page - Analog Devices ADXL250 Datasheet HTML 4Page - Analog Devices ADXL250 Datasheet HTML 5Page - Analog Devices ADXL250 Datasheet HTML 6Page - Analog Devices ADXL250 Datasheet HTML 7Page - Analog Devices ADXL250 Datasheet HTML 8Page - Analog Devices ADXL250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADXL150/ADXL250
–3–
REV. 0
Package Characteristics
Package
JA
JC
Device Weight
14-Lead Cerpac
110
°C/W
30
°C/W
5 Grams
ORDERING GUIDE
Model
Temperature Range
ADXL150JQC
0
°C to +70°C
ADXL150AQC
–40
°C to +85°C
ADXL250JQC
0
°C to +70°C
ADXL250AQC
–40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 2000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(VOUT, VREF Terminals to Common) . . . . . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Drops onto hard surfaces can cause shocks of greater than 2000 g
and exceed the absolute maximum rating of the device. Care
should be exercised in handling to avoid damage.
PIN CONNECTIONS
TOP VIEW
(Not to Scale)
ADXL150
14
1
78
NC
NC
NC
NC
NC
COMMON
VS
NC
NC
VOUT
SELF-TEST
ZERO
g ADJ
TP (DO NOT CONNECT)
NC = NO CONNECT
ZERO
g ADJ Y
VOUT Y
NC
NC
COMMON
VS
VS
NC
NC
ZERO
g ADJ X
SELF-TEST
VOUT X
TOP VIEW
(Not to Scale)
ADXL250
14
1
78
NC
TP (DO NOT CONNECT)
NOTE: WHEN USING ADXL250, BOTH PINS 13 AND 14 NEED
TO BE CONNECTED TO SUPPLY FOR DEVICE TO FUNCTION
NC
POSITIVE A = POSITIVE VOUT
POSITIVE A = POSITIVE VOUT
TOP VIEW
(Not to Scale)
ADXL150
14
1
78
AX
TOP VIEW
(Not to Scale)
ADXL250
14
1
78
90
AY
AX
Figure 1. ADXL150 and ADXL250 Sensitive Axis
Orientation
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL150/ADXL250 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, pro per
ESD precautions are recommended to avoid performance degradation or loss of function ality.
WARNING!
ESD SENSITIVE DEVICE


Số phần tương tự - ADXL250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL251 AD-ADXL251 Datasheet
103Kb / 2P
   Dual-Axis, 60 g to 480 g Sensor with SPI and PSI5
More results

Mô tả tương tự - ADXL250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com