công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL190 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADXL190
Giải thích chi tiết về linh kiện  Low Cost -100 gSingle Axis Accelerometer with Analog Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL190 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADXL190 Datasheet HTML 1Page - Analog Devices ADXL190 Datasheet HTML 2Page - Analog Devices ADXL190 Datasheet HTML 3Page - Analog Devices ADXL190 Datasheet HTML 4Page - Analog Devices ADXL190 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
REV. 0
ADXL190
–4–
APPLICATIONS
All the circuitry needed to drive the sensor and convert the
capacitance change to voltage is incorporated on-chip requiring
no external components except for standard power supply de-
coupling. Both sensitivity and the zero-g value are ratiometric to
the supply voltage, so that ratiometric devices following the
accelerometer (such as an ADC, etc.) will track the accelerom-
eter if the supply voltage changes. The output voltage (VOUT) is
a function of both the acceleration input (a) and the power
supply voltage (VS) as follows:
VOUT = VS/2 – (Sensitivity × VS/5 V × a)
Adjusting the 0 g Bias Level
In some cases the user may have an asymmetrical input or may
want to fine adjust the zero-g output level to obtain maximum
dynamic range. The zero-g level is adjusted by supplying a
voltage to the zero-g adjustment pin (see Figure 2).
+VS
2
25k
5k
ADXL190
ZERO
g ADJUST
FILTER
VOUT
GAIN = 3
ACCELERATION
SIGNAL
+VS
200k
C2
0.1 F
Figure 2. Optional Zero-g Adjust Circuit Detail
Any voltage difference between the zero-g adjustment pin and
VS/2 is reduced by a factor of 6 by the internal resistor divider.
This is then gained by the factor of 3 in the output stage for a
total gain of 0.5 for the zero-g adjustment. (Note: The ratio of
the resistors in the divider is consistent from part-to-part; how-
ever, the absolute values can have a
± 30% tolerance). The
zero-g adjustment voltage can be set up by a variety of methods
including a potentiometer (as shown in Figure 2), a PWM sig-
nal, or with a simple three-state output.
The simplest way is by adding a resistor between the ZERO g
ADJUST pin and VS or ground. The output will be offset by:
Offset (V) = (7.5
× V
S)/(30 + R)
where R is in k
Ω and connected to V
S.
Offset (V) = (–7.5
× V
S)/(30 + R)
where R is in k
Ω and connected to ground.
Resistors may also be connected to microcontroller I/O pins as
shown in Figure 3. Using two I/Os that may be set to VS, ground,
or three-state, there are seven possibilities as shown in Table I
(one cannot set one I/O pin to VS and the other to ground).
Using such a system, any ADXL190 may be user trimmed to
output 2.5 V
± 35 mV at zero g.
Table I. Offsets Produced Using the Circuit in Figure 3 for VS
= 5 V
Offset Voltage
P1
P0
Produced
Offset in g
Three-State
Three-State
0 mV
0
Three-State
0
–71 mV
–4
0
Three-State
–134 mV
–7.4
0
0
–191 mV
–10.6
Three-State
1
71 mV
4
1
Three-State
134 mV
7.4
1
1
191 mV
10.6
Another way to adjust the zero g offset is to supply a voltage to
the ZERO g ADJUST pin. The difference between VS/2 and
the voltage at the ZERO g ADJUST pin is reduced by a factor
of 6 (as a result of the internal 5 k
Ω and 25 kΩ voltage divider)
and then multiplied by a factor of 3 in the output stage of the
ADXL190 resulting in a total gain of 0.5. Offset is thus de-
scribed by the following equation:
Offset (V) = (Voltage at the ZERO g ADJUST Pin – VS/2)/2
This voltage may be produced by a variety of methods includ-
ing a PWM signal from a microcontroller. Care must be taken
that the output impedance of this voltage source is less than
5 k
Ω and that there is very little ripple (noise). Any noise at the
ZERO g ADJUST pin will cause output errors.
If an asymmetric range of acceleration is required (e.g., +75 g
to –125 g) a resistor may be connected between the ZERO g
ADJUST and ground or VS as described above. For example:
For a range of +75 g to –125 g the offset required is –25 g.
–25 g at 18 mV/g = 450 mV of offset is required.
Rearranging the offset equations above:
R = [(7.5
× V
S)/offset] –30 = 53.3 k
Ω connected to ground.
For asymmetric operation the g range midpoint may be shifted
up to
±80 g typically.
500k
250k
ZERO
g
ADJUST
ADXL190
MICROCONTROLLER
P1
P0
Figure 3. An Offset Adjustment Scheme


Số phần tương tự - ADXL190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL190EM-1 AD-ADXL190EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
More results

Mô tả tương tự - ADXL190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
   Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
logo
VTI technologies
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
   3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
   Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
   Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com