công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL150 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADXL150
Giải thích chi tiết về linh kiện  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL150 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADXL150 Datasheet HTML 4Page - Analog Devices ADXL150 Datasheet HTML 5Page - Analog Devices ADXL150 Datasheet HTML 6Page - Analog Devices ADXL150 Datasheet HTML 7Page - Analog Devices ADXL150 Datasheet HTML 8Page - Analog Devices ADXL150 Datasheet HTML 9Page - Analog Devices ADXL150 Datasheet HTML 10Page - Analog Devices ADXL150 Datasheet HTML 11Page - Analog Devices ADXL150 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
–8–
ADXL150/ADXL250
REV. 0
+VS
2
OUTPUT SCALE FACTOR = 38mV/
g ––
R1
R3
SELF-TEST
+VS
2
25k
5k
ADXL150
GAIN
AMP
OFFSET
NULL
COM
C1
0.1 F
BUFFER
AMP
DEMODULATOR
SENSOR
+VS
TP
(DO NOT CONNECT)
14
9
10
7
5
CLOCK
C4
0.1 F
+VS
OP196
8
3
4
7
6
R1
R3
VOUT
2
C2
0.1 F
Figure 15. Using an External Op Amp to Increase Output Scale Factor
+VS
C4
0.1 F
R2
OUTPUT
EXTERNAL AMP GAIN = ––––
R2
1M
+VS
2
VOUT
1M
BUFFER
GAIN
FS RANGE
R2
1Hz
3Hz
10Hz
20Hz
2
25
g
1M
0.15 F
0.05 F
0.015 F 0.0075 F
4
12.5
g
332k
0.47 F
0.15 F
0.047 F 0.022 F
5
10
g
249k
0.68 F
0.22 F
0.022 F 0.01 F
C3 VALUE FOR 3dB CORNER FREQ
TYPICAL COMPONENT VALUES FOR AC COUPLED CIRCUIT
C2
0.1 F
+VS
2
SELF-TEST
+VS
2
25k
5k
ADXL150
GAIN
AMP
OFFSET
NULL
COM
C1
0.1 F
BUFFER
AMP
DEMODULATOR
SENSOR
+VS
TP
(DO NOT CONNECT)
14
9
10
7
5
CLOCK
OP196
8
3
4
7
6
2
C3
Figure 16. AC Coupled Connection Using an External Op Amp
Increasing the
iMEMS Accelerometer’s Output
Scale Factor
Figure 15 shows the basic connections for using an external
buffer amplifier to increase the output scale factor.
The output multiplied by the gain of the buffer, which is simply
the value of resistor R3 divided by R1. Choose a convenient
scale factor, keeping in mind that the buffer gain not only ampli-
fies the signal, but any noise or drift as well. Too much gain can
also cause the buffer to saturate and clip the output waveform.
Note that the “+” input of the external op amp uses the offset
null pin of the ADXL150/ADXL250 as a reference, biasing the
op amp at midsupply, saving two resistors and reducing power
consumption. The offset null pin connects to the VS/2 reference
point inside the accelerometer via 30 k
Ω, so it is important not
to load this pin with more than a few microamps.
It is important to use a single-supply or “rail-to-rail” op amp for
the external buffer as it needs to be able to swing close to the
supply and ground.
The circuit of Figure 15 is entirely adequate for many applica-
tions, but its accuracy is dependent on the pretrimmed accuracy
of the accelerometer and this will vary by product type and grade.
For the highest possible accuracy, an external trim is recom-
mended. As shown by Figure 20, this consists of a potentiom-
eter, R1a, in series with a fixed resistor, R1b. Another option is
to select resistor values after measuring the device’s scale factor
(see Figure 17).
AC Coupling
If a dc (gravity) response is not required—for example in vibra-
tion measurement applications—ac coupling can be used be-
tween the accelerometer’s output and the external op amp’s
input as shown in Figure 16. The use of ac coupling virtually
eliminates any zero g drift and allows the maximum external
amp gain without clipping.
Resistor R2 and capacitor C3 together form a high pass filter
whose corner frequency is 1/(2
π R2 C3). This filter will reduce
the signal from the accelerometer by 3 dB at the corner fre-
quency, and it will continue to reduce it at a rate of 6 dB/octave
(20 dB per decade) for signals below the corner frequency.
Capacitor C3 should be a nonpolarized, low leakage type.
If ac coupling is used, the self-test feature must be monitored at
the accelerometer’s output rather than at the external amplifier
output (since the self-test output is a dc voltage).


Số phần tương tự - ADXL150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL150EM-1 AD-ADXL150EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL150EM-3 AD-ADXL150EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
More results

Mô tả tương tự - ADXL150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com