công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL05 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADXL05
Giải thích chi tiết về linh kiện  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL05 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADXL05 Datasheet HTML 2Page - Analog Devices ADXL05 Datasheet HTML 3Page - Analog Devices ADXL05 Datasheet HTML 4Page - Analog Devices ADXL05 Datasheet HTML 5Page - Analog Devices ADXL05 Datasheet HTML 6Page - Analog Devices ADXL05 Datasheet HTML 7Page - Analog Devices ADXL05 Datasheet HTML 8Page - Analog Devices ADXL05 Datasheet HTML 9Page - Analog Devices ADXL05 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADXL05
REV. B
–6–
package. Figure 2c describes a three dimensional acceleration
vector (AXYZ) which might act on the sensor, where AX is the
component of interest. To determine AX, first, the component
of acceleration in the XY plane (AXY) is found using the cosine
law:
AXY = AXYZ (cos
θ
XY) then
AX = AXY (cos
θ
X)
Therefore: Nominal VPR = 200 mV/g (AXYZ) (cos
θ
XY) cos
θ
X
Axyz
–Z AXIS
X AXIS
Y AXIS
Axy
Ax
θxy
θx
Figure 2c. A Vector Analysis of an Acceleration Acting
Upon the ADXL05 in Three Dimensions
Note that an ideal sensor will react to forces along or at angles
to its sensitive axis but will reject signals from its various trans-
verse axes, i.e., those exactly 90
° from the sensitive “X” axis.
But even an ideal sensor will produce output signals if the trans-
verse signals are not exactly 90
° to the sensitive axis. An accel-
eration that is acting on the sensor from a direction different
from the sensitive axis will show up at the ADXL05 output at a
reduced amplitude.
Table I shows the percentage signals resulting from various
θ
X
angles. Note that small errors in alignment have a negligible
effect on the output signal. A 1
° error will only cause a 0.02%
error in the signal. Note, however, that a signal coming 1
° off of
the transverse axis (i.e., 89
° off the sensitive axis) will still con-
tribute 1.7% of its signal to the output. Thus large transverse
signals could cause output signals as large as the signals of
interest. Table I may also be used to approximate the effect of
the ADXL05’s internal errors due to misalignment of the die to
the package. For example: a 1 degree sensor alignment error will
allow 1.7% of a transverse signal to appear at the output.
Table I. Ideal Output Signals for Off Axis Applied
Accelerations Disregarding Device Alignment and
Transverse Sensitivity Errors
% of Signal Appearing
Output in gs for a 5 g
θ
X
at Output
Applied Acceleration
0
100%
5.000 (On Axis)
1
°
99.98%
4.999
2
°
99.94%
4.997
3
°
99.86%
4.993
5
°
99.62%
4.981
10
°
98.48%
4.924
30
°
86.60%
4.330
45
°
70.71%
3.536
60
°
50.00%
2.500
80
°
17.36%
0.868
85
°
8.72%
0.436
87
°
5.25%
0.263
88
°
3.49%
0.175
89
°
1.7%
0.085
90
°
0%
0.000 (Transverse Axis)
Mounting Fixture Resonances
A common source of error in acceleration sensing is resonance
of the mounting fixture. For example, the circuit board that the
ADXL05 mounts to may have resonant frequencies in the same
range as the signals of interest. This could cause the signals
measured to be larger than they really are. A common solution
to this problem is to dampen these resonances by mounting the
ADXL05 near a mounting post or by adding extra screws to
hold the board more securely in place.
When testing the accelerometer in your end application, it is
recommended that you test the application at a variety of fre-
quencies in order to ensure that no major resonance problems
exist (refer to Analog Devices Application Note AN-379).
10
90
100
0%
0.5ms
Figure 3. 500 g Shock Overload Recovery. Top Trace, PCB
Reference Accelerometer Output: 500 g/Vertical Division.
Bottom Trace, ADXL05 Output at VPR


Số phần tương tự - ADXL05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Mô tả tương tự - ADXL05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com