công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7Y22-100E bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK7Y22-100E
Giải thích chi tiết về linh kiện  N-channel 100 V, 22 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y22-100E bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK7Y22-100E Datasheet HTML 1Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 2Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 3Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 4Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 5Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 6Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 7Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 8Page - NXP Semiconductors BUK7Y22-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK7Y22-100E
N-channel 100 V, 22 mΩ standard level MOSFET in LFPAK56
20 February 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Standard level N-channel MOSFET in an LFPAK56 (Power SO8) package using
TrenchMOS technology. This product has been designed and qualified to AEC Q101
standard for use in high performance automotive applications.
2. Features and benefits
Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True standard level gate with VGS(th) rating of greater than 1 V at 175 °C
3. Applications
12 V, 24 V and 48 V Automotive systems
Motors, lamps and solenoid control
Transmission control
Ultra high performance power switching
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
-
-
49
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
147
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 15 A; Tj = 25 °C;
Fig. 11
-
14.2
22
Dynamic characteristics
QGD
gate-drain charge
VGS = 10 V; ID = 15 A; VDS = 80 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
17
-
nC


Số phần tương tự - BUK7Y22-100E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK7Y22-100E NEXPERIA-BUK7Y22-100E Datasheet
738Kb / 13P
   N-channel 100 V, 22 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y22-100E PHILIPS-BUK7Y22-100E_15 Datasheet
312Kb / 13P
   N-channel 100 V, 22 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Mô tả tương tự - BUK7Y22-100E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7Y22-100E PHILIPS-BUK7Y22-100E_15 Datasheet
312Kb / 13P
   N-channel 100 V, 22 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y22-100E PHILIPS-BUK9Y22-100E_15 Datasheet
356Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
9 May 2013
PSMN013-100YSE PHILIPS-PSMN013-100YSE_15 Datasheet
291Kb / 13P
   N-channel 100 V 13 m廓 standard level MOSFET in LFPAK56
18 December 2012
BUK7Y153-100E NXP-BUK7Y153-100E Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y19-100E NEXPERIA-BUK7Y19-100E Datasheet
730Kb / 13P
   N-channel 100 V, 19 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y38-100E PHILIPS-BUK7Y38-100E_15 Datasheet
352Kb / 13P
   N-channel 100 V, 38 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com