công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR421BR-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADR421BR-REEL7
Giải thích chi tiết về linh kiện  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR421BR-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADR421BR-REEL7 Datasheet HTML 1Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 2Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 3Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 4Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 5Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 6Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 7Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 8Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–5–
PARAMETER DEFINITIONS
Temperature Coefficient
The change of output voltage over the operating temperature
range and normalized by the output voltage at 25
°C, expressed
in ppm/
°C. The equation follows:
TCV
ppm C
VT
VT
VC
T
T
O
OO
O
/
() –
()
() (
)
°
() =
°×
×
21
21
6
25
10
where
VO (25
°C) = V
O at 25
°C
VO (T1) = VO at Temperature 1
VO (T2) = VO at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts-per-million per volt,
or microvolts per volt change in input voltage
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in either microvolts per milliampere, parts-per-million
per milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25
°C on a sample of parts
subjected to operation life test of 1000 hours at 125
°C:
VV t
V t
V
ppm
Vt
Vt
Vt
OO
O
O
OO
O
=
() –
( )
()
() –
( )
()
01
01
0
6
10
where
VO (t0) = VO at 25
°C at Time 0
VO (t1) = VO at 25
°C after 1,000 hours operation at 125°C.
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through temperature from +25
°C to
–40
°C to +125°C and back to +25°C. This is a typical value
from a sample of parts put through such a cycle.
VV
C
V
V
ppm
VC
V
VC
O
HYS
O
O TC
O
HYS
OO TC
O
__
_
_
() –
()
() –
()
=
°
°
×
25
25
25
10
6
where
VO (25
°C) = V
O at 25
°C
VO_TC = VO at 25
°C after temperature cycle at +25°C to –40°C
to +125
°C and back to +25°C.
Input Capacitor
Input capacitors are not required on the ADR42x. There is no
limit for the value of the capacitor used on the input, but a 1
µF to
10
µF capacitor on the input will improve transient response in
applications where the supply suddenly changes. An additional
0.1
µF in parallel will also help to reduce noise from the supply.
Output Capacitor
The ADR42x does not need output capacitors for stability
under any load condition. An output capacitor, typically 0.1
µF,
will filter out any low-level noise voltage and will not affect
the operation of the part. On the other hand, the load transient
response can be improved with an additional 1
µF to 10 µF
output capacitor in parallel. A capacitor here will act as a source
of stored energy for sudden increase in load current. The only
parameter that will degrade, by adding an output capacitor, is
turn-on time and it depends on the size of the capacitor chosen.


Số phần tương tự - ADR421BR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR421BR-REEL7 AD-ADR421BR-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Mô tả tương tự - ADR421BR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com