công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3338 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADP3338
Giải thích chi tiết về linh kiện  High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3338 bảng dữ liệu(HTML) 7 Page - Analog Devices

  ADP3338 Datasheet HTML 1Page - Analog Devices ADP3338 Datasheet HTML 2Page - Analog Devices ADP3338 Datasheet HTML 3Page - Analog Devices ADP3338 Datasheet HTML 4Page - Analog Devices ADP3338 Datasheet HTML 5Page - Analog Devices ADP3338 Datasheet HTML 6Page - Analog Devices ADP3338 Datasheet HTML 7Page - Analog Devices ADP3338 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3338
–7–
THERMAL OVERLOAD PROTECTION
The ADP3338 is protected against damage due to excessive power
dissipation by its thermal overload protection circuit. Thermal
protection limits the die temperature to a maximum of 160
°C.
Under extreme conditions (i.e., high ambient temperature and
power dissipation) where the die temperature starts to rise above
160
°C, the output current will be reduced until the die tempera-
ture has dropped to a safe level.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, the device’s power dissipation should be externally
limited so that the junction temperature will not exceed 150
°C.
CALCULATING POWER DISSIPATION
Device power dissipation is calculated as follows:
PV
V
I
V
I
D
IN
OUT
LOAD
IN
GND
=−
()×+()×
Where ILOAD and IGND are load current and ground current, VIN
and VOUT are the input and output voltages respectively.
Assuming worst-case operating conditions are ILOAD = 1.0 A,
IGND = 10 mA, VIN = 3.3 V and VOUT = 2.5 V, the device power
dissipation is:
P
V
V
mA
V
mA
mW
D
=
()
+
()
=
3 3
2 5
1000
3 3
10
833
.
– ..
So, for a junction temperature of 125
°C and a maximum ambi-
ent temperature of 85
°C, the required thermal resistance from
junction to ambient is:
θ
JA
=
°° =°
125
85
0 833
48
CC
W
CW
.
/
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The SOT-223’s thermal resistance,
θJA, is determined by the
sum of the junction-to-case and the case-to-ambient thermal
resistances. The junction-to-case thermal resistance,
θ
JC, is
determined by the package design and specified at 26.8
°C/W.
However, the case-to-ambient thermal resistance is determined
by the printed circuit board design.
As shown in Figures 4a–c, the amount of copper the ADP3338
is mounted to affects the thermal performance. When mounted
to 2 oz. copper with just the minimal pads, Figure 4a, the
θ
JA is
126.6
°C/W. By adding a small copper pad under the ADP3338,
Figure 4b, reduces the
θJA to 102.9°C/W. Increasing the copper
pad to 1 square inch, Figure 4c, reduces the
θ
JA even further
to 52.8
°C/W.
a.
b.
c.
Figure 4. PCB Layouts
Use the following general guidelines when designing printed
circuit boards:
1. Keep the output capacitor as close to the output and ground
pins as possible.
2. Keep the input capacitor as close to the input and ground
pins as possible.
3. PC board traces with larger cross sectional areas will remove
more heat from the ADP3338. For optimum heat transfer,
specify thick copper and use wide traces.
4. The thermal resistance can be decreased by adding a copper
pad under the ADP3338 as shown in Figure 4b.
5. If possible, utilize the adjacent area to add more copper
around the ADP3338. Connecting the copper area to the
output of the ADP3338, as shown in Figure 4c, is best but
will improve thermal performance even if it is connected to
other signals.
6. Use additional copper layers or planes to reduce the thermal
resistance. Again, connecting the other layers to the output
of the ADP3338 is best, but not necessary. When connecting
the output pad to other layers use multiple vias.


Số phần tương tự - ADP3338

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3338 AD-ADP3338 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3338AKC-1.5-RL AD-ADP3338AKC-1.5-RL Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADP3338AKC-1.5-RL AD-ADP3338AKC-1.5-RL Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3338AKC-1.5-RL7 AD-ADP3338AKC-1.5-RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADP3338AKC-1.5-RL7 AD-ADP3338AKC-1.5-RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Mô tả tương tự - ADP3338

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-RL AD-ADP3339AKCZ-1.8-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com