công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1ADWG bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện GS1ADWG
Giải thích chi tiết về linh kiện  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1ADWG bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  GS1ADWG Datasheet HTML 1Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 2Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 3Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 4Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
February 6,2013-REV.01
GS1ADWG SERIES
FEATURES
• For surface mounted applications
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low forward drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Junction
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMA(W) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12 mm tape (EIA-481)
• Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES : 1. Mounted on an FR4 PCB, single-sided copper, mini pad.
2. Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area.
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A.
VOLTAGE
50~1000 Volts
1 Amperes
CURRENT
1
2
Cathode
Anode
PA RA M E TE R
S YM BOL GS 1 A D W G GS 1 B D W G GS1 D D W G GS 1 GD WG GS1 J D W G GS 1 K DW G GS1 M D W G UNITS
M a xi m um Re cur rent P eak Re ve r s e Vo ltage
V
RRM
5 0
100
200
400
600
800
1000
V
Ma xi mum RM S Vo lta g e
V
RMS
3 5
70
140
280
420
560
700
V
M a xi m um D C B lock i ng Vo ltage
V
R
5 0
100
200
400
600
800
1000
V
M a xi m um A ver ag e Forwar d C urr e nt
I
F(AV )
1A
P e ak Forward S ur ge C urr ent : 8.3m s s i ng le
ha lf si ne - wave superi mposed on ra ted load
( J ED EC m e tho d )
I
FS M
30
A
M a xi m um Forwar d Vo ltage at 1A D C
V
F
1.1
V
M a xi m um D C Re ve rs e C urre nt a t Ra te d D C
B lock i ng Vo ltage
I
R
1
A
M a xi m um Re ve r s e Re c o ve ry Ti m e (Note 3)
T
RR
1000
nS
M i ni mum Re ve rs e Re cove ry Ti me (Note 3)
T
RR
500
nS
Typi c a l Junc ti on C apaci tance
(V
R= 4 V ,f= 1 M H z )
C
J
7p F
Typi c a l Junc ti on Re si s tance
(Note 1)
(Note 2)
R
JA
R
JL
150
30
OC / W
Operati ng and S torage Te mper ature Ra ng e
T
J,T STG
-55 to +150
OC


Số phần tương tự - GS1ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
   TeSys GS - NFPA 79 internal handle kit for 5mm shaft
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
More results

Mô tả tương tự - GS1ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com