công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H0503XS-1W bảng dữ liệu(PDF) 3 Page - Microdc power Technology Co., Ltd

tên linh kiện H0503XS-1W
Giải thích chi tiết về linh kiện  Isolated 1W Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

H0503XS-1W bảng dữ liệu(HTML) 3 Page - Microdc power Technology Co., Ltd

  H0503XS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd H0503XS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd H0503XS-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd H0503XS-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
ISOLATION
ISOLATION
ISOLATION
ISOLATION VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
"Hi Pot Test","Flash Tested","Withstand Voltage","Proof Voltage","Dielectric Withstand Voltage"&”Isolation Test Voltage" are all terms that relate to the same thing, a test voltage.
Applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Professional Power Module H_S-1W&G_S-1W series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 6KVDC for 1 second.
A question commonly asked is,"What is the continuous voltage that can be applied across the part in normal operation?"
The H_S-1W&G_S-1W series has been recognized by Underwriters Laboratory to 300Vrms for Supplementary Insulation and 150Vrms for Reinforced Insulation.
REPEATED
REPEATED
REPEATED
REPEATED HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE ISOLATION
ISOLATION
ISOLATION
ISOLATION TESTING
TESTING
TESTING
TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials.
Construction and environment.
We therefore strongly advise against repeated high voltage isolation testing. but if it is absolutely required, that the voltage be reduced by 20%
from specified test voltage.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component
Component
Component
Component selection
selection
selection
selection
Capacitor: Ceramic chip capacitors are recommended. It is required that the ESR(Equivalent Series Resistance)should be as low as possible.X7R types are recommended.
The voltage rating should be at least twice(except for 15V output),the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor should be
such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF(Self Resonant Frequency) should be >20MHz.
Single output types
Dual output types
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE
RIPPLE REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
REDUCTION
Ripple & Noise Characterisation Method
Ripple and noise measurements are performed with the following test configuration.
C1
1uF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10uF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon film,
±1% tolerance
R2
50Ω BNC termination
T1
3T of the caox cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
R3
50Ω resistor, carbon film,
±1%
Measured values are multiplied by 10 to obtain the specified values.
Differential
Differential
Differential
Differential Mode
Mode
Mode
Mode Noise
Noise
Noise
Noise Test
Test
Test
Test Schematic
Schematic
Schematic
Schematic


Số phần tương tự - H0503XS-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
H0503XS MICRODC-H0503XS Datasheet
605Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
More results

Mô tả tương tự - H0503XS-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com