công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1029ARQ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADM1029ARQ
Giải thích chi tiết về linh kiện  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1029ARQ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADM1029ARQ Datasheet HTML 4Page - Analog Devices ADM1029ARQ Datasheet HTML 5Page - Analog Devices ADM1029ARQ Datasheet HTML 6Page - Analog Devices ADM1029ARQ Datasheet HTML 7Page - Analog Devices ADM1029ARQ Datasheet HTML 8Page - Analog Devices ADM1029ARQ Datasheet HTML 9Page - Analog Devices ADM1029ARQ Datasheet HTML 10Page - Analog Devices ADM1029ARQ Datasheet HTML 11Page - Analog Devices ADM1029ARQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
REV. 0
ADM1029
–8–
R/
W
0
SCL
SDA
10
1
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1029
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADM1029
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1029
STOP BY
MASTER
FRAME 3
DATA BYTE
1
9
SCL (CONTINUED)
SDA (CONTINUED)
Figure 4a. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
R/
W
0
SCL
SDA
10
1
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1029
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADM1029
9
Figure 4b. Writing to the Address Pointer Register Only
R/
W
0
SCL
SDA
10
1
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK.
BY MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADM1029
19
1
ACK. BY
ADM1029
9
Figure 4c. Reading Data from a Previously Selected Register
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDA, while the serial clock line SCL remains high.
This indicates that an address/data stream will follow. All
slave peripherals connected to the serial bus respond to the
START condition, and shift in the next eight bits, consisting
of a 7-bit address (MSB first) plus an R/
W bit, which deter-
mines the direction of the data transfer, i.e., whether data
will be written to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge Bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/
W bit is a 0, the master will write to the slave
device. If the R/
W bit is a 1 the master will read from the
slave device.
2. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the slave device. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, as a low-to-high transition
when the clock is high may be interpreted as a STOP signal.
The number of data bytes that can be transmitted over the
serial bus in a single READ or WRITE operation is limited
only by what the master and slave devices can handle.
3. When all data bytes have been read or written, stop condi-
tions are established. In WRITE mode, the master will pull
the data line high during the tenth clock pulse to assert a
STOP condition. In READ mode, the master device will
override the acknowledge bit by pulling the data line high
during the low period before the ninth clock pulse. This is
known as No Acknowledge. The master will then take the
data line low during the low period before the tenth clock
pulse, high during the tenth clock pulse to assert a STOP
condition.
Any number of bytes of data may be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation, because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation.


Số phần tương tự - ADM1029ARQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Mô tả tương tự - ADM1029ARQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com