công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST312RAG9N1_LZ bảng dữ liệu(PDF) 2 Page - Coilcraft lnc.

tên linh kiện ST312RAG9N1_LZ
Giải thích chi tiết về linh kiện  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COILCRAFT [Coilcraft lnc.]
Trang chủ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAG9N1_LZ bảng dữ liệu(HTML) 2 Page - Coilcraft lnc.

  ST312RAG9N1_LZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAG9N1_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST312RAG Series (0603)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
0603 CHIP INDUCTORS
Document ST537-2 Revised 11/06/12
L test
Q min3
SRF
DCR
Inductance2 Percent
freq
at
900 MHz
1.7 GHz
min4
max5
Imax
Color
Part number1
(nH)
tolerance (MHz) 250 MHz
L typ
Q typ3
L typ
Q typ3
(GHz) (Ohms) (mA)
code
ST312RAG1N8JLZ
1.8
5
250
17
1.77
40
1.77
65
>5.00
0.035
800
Black
ST312RAG3N3_LZ
3.3
5,2
250
35
3.28
67
3.32
104
>5.00
0.030
800
Blue
ST312RAG3N6_LZ
3.6
5,2
250
32
3.59
70
3.62
116
>5.00
0.033
800
Red
ST312RAG3N9_LZ
3.9
5,2
250
33
3.88
68
3.95
108
>5.00
0.045
800
Brown
ST312RAG4N3_LZ
4.3
5,2
250
28
4.29
58
4.31
91
>5.00
0.080
710
Orange
ST312RAG4N7_LZ
4.7
5,2
250
22
4.65
48
4.71
75
>5.00
0.100
720
Violet
ST312RAG5N1_LZ
5.1
5,2,1
250
38
5.08
84
5.12
140
>5.00
0.042
800
Green
ST312RAG5N6_LZ
5.6
5,2,1
250
43
5.6
87
5.73
145
>5.00
0.042
800
Black
ST312RAG6N0_LZ
6.0
5,2,1
250
40
5.92
94
6.12
154
4.80
0.053
800
White
ST312RAG6N8_LZ
6.8
5,2,1
250
34
6.83
88
7.05
143
4.64
0.050
800
Red
ST312RAG7N2_LZ
7.2
5,2,1
250
36
7.25
96
7.38
139
4.32
0.080
800
Green
ST312RAG7N5_LZ
7.5
5,2,1
250
32
7.55
81
7.85
112
4.24
0.100
800
Brown
ST312RAG8N2_LZ
8.2
5,2,1
250
37
8.21
96
8.39
148
4.72
0.054
800
Orange
ST312RAG8N7_LZ
8.7
5,2,1
250
33
8.73
97
9.00
149
4.40
0.054
800
Yellow
ST312RAG9N1_LZ
9.1
5,2,1
250
38
9.18
76
9.64
109
4.08
0.054
800
Black
ST312RAG9N5_LZ
9.5
5,2,1
250
40
9.56
98
9.99
149
3.92
0.053
800
Blue
ST312RAG10N_LZ
10
5,2,1
250
38
10.16
90
10.64
142
3.44
0.054
800
Orange
ST312RAG11N_LZ
11
5,2,1
250
36
11.06
78
11.82
108
3.28
0.075
800
Gray
ST312RAG12N_LZ
12
5,2,1
250
32
12.26
69
13.20
91
3.28
0.110
750
Yellow
ST312RAG15N_LZ
15
5,2,1
250
36
15.41
83
17.20
124
2.88
0.085
800
Green
ST312RAG16N_LZ
16
5,2,1
250
32
16.37
77
18.70
116
2.80
0.095
790
White
ST312RAG18N_LZ
18
5,2,1
250
34
18.56
76
20.90
100
2.64
0.075
800
Blue
ST312RAG22N_LZ
22
5,2,1
250
30
22.7
77
25.90
88
2.52
0.140
600
Violet
ST312RAG23N_LZ
23
5,2,1
250
36
24.0
69
29.53
80
2.40
0.195
560
Orange
ST312RAG24N_LZ
24
5,2,1
250
43
24.9
77
28.9
91
2.36
0.085
800
Black
ST312RAG27N_LZ
27
5,2,1
250
34
28.4
74
34.0
84
2.24
0.150
620
Gray
ST312RAG30N_LZ
30
5,2,1
250
40
31.5
82
37.9
82
2.24
0.130
720
Brown
ST312RAG33N_LZ
33
5,2,1
250
38
34.9
76
42.9
80
2.16
0.170
560
White
ST312RAG36N_LZ
36
5,2,1
250
36
38.5
69
50.0
64
2.00
0.225
480
Red
ST312RAG39N_LZ
39
5,2,1
250
38
41.5
78
51.9
74
1.96
0.190
540
Black
ST312RAG43N_LZ
43
5,2,1
250
36
45.7
83
58.1
76
1.96
0.170
630
Orange
ST312RAG47N_LZ
47
5,2,1
200
39
50.6
77
66.9
72
1.84
0.270
440
Brown
ST312RAG51N_LZ
51
5,2,1
200
37
54.6
73
71.3
62
1.84
0.280
440
Blue
ST312RAG56N_LZ
56
5,2,1
200
36
60.3
74
79.9
56
1.76
0.30
420
Red
ST312RAG68N_LZ
68
5,2,1
200
37
75.5
73
113.3
49
1.60
0.33
400
Orange
ST312RAG72N_LZ
72
5,2,1
150
36
80.8
69
1.52
0.42
380
Yellow
ST312RAG75N_LZ
75
5,2,1
150
36
84.6
71
1.52
0.52
340
Violet
ST312RAG82N_LZ
82
5,2,1
150
36
94.0
62
1.44
0.46
350
Green
ST312RAG91N_LZ
91
5,2,1
150
36
103.0
64
1.32
0.58
310
White
ST312RAGR10_LZ
100
5,2,1
150
36
114.0
69
1.36
0.54
340
Blue
ST312RAGR11_LZ
110
5,2,1
150
35
126.2
63
1.28
0.58
310
Violet
ST312RAGR12_LZ
120
5,2,1
150
36
142.4
61
1.24
0.72
280
Gray
ST312RAGR15_LZ
150
5,2,1
150
36
188.8
57
1.08
0.82
260
White
1. When ordering, specify
tolerance, termination and testing codes:
ST312RAGR39GLZ
Tolerance:
F = 1% G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
S = Tin-lead (63/37) over silver-palladium-platinum-
glass frit.
T = Tin-silver-copper (95.5/4/0.5) over silver-palladium-
platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 250 MHz using a Coilcraft SMD-A test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286A
impedance analyzer or equivalent.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A
test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent and a Coilcraft CCF1232 test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF1010 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Số phần tương tự - ST312RAG9N1_LZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Coilcraft lnc.
ST312RAA COILCRAFT-ST312RAA Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA10N_LZ COILCRAFT-ST312RAA10N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA11N_LZ COILCRAFT-ST312RAA11N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA12N_LZ COILCRAFT-ST312RAA12N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA15N_LZ COILCRAFT-ST312RAA15N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
More results

Mô tả tương tự - ST312RAG9N1_LZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com