công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1020 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADM1020
Giải thích chi tiết về linh kiện  8-Lead, Low-Cost, System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1020 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADM1020 Datasheet HTML 4Page - Analog Devices ADM1020 Datasheet HTML 5Page - Analog Devices ADM1020 Datasheet HTML 6Page - Analog Devices ADM1020 Datasheet HTML 7Page - Analog Devices ADM1020 Datasheet HTML 8Page - Analog Devices ADM1020 Datasheet HTML 9Page - Analog Devices ADM1020 Datasheet HTML 10Page - Analog Devices ADM1020 Datasheet HTML 11Page - Analog Devices ADM1020 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADM1020
–8–
Table IV. Configuration Register Bit Assignments
Power-On
Bit
Name
Function
Default
7
MASK1
0 =
ALERT Enabled
0
1 =
ALERT Masked
6
RUN/STOP
0 = Run; 1 = Standby
0
5–0
Reserved
0
Conversion Rate Register
The lowest three bits of this register are used to program the
conversion rate by dividing the ADC clock by 1, 2, 4, 8, 16, 32,
64 or 128, to give conversion times from 125 ms (code 07h) to
16 seconds (code 00h). This register can be written to and read
back over the SMBus. The higher five bits of this register are
unused and must be set to zero. Use of slower conversion times
greatly reduces the device power consumption, as shown in
Table V.
Table V. Conversion Rate Register Codes
Average Supply Current
Data
Conversion/Sec
A Typ at VCC = 3.3 V
00h
0.0625
42
01h
0.125
42
02h
0.25
42
03h
0.5
48
04h
1
60
05h
2
82
06h
4
118
07h
8
170
08h to FFh
Reserved
Limit Registers
The ADM1020 has four Limit Registers to store local and re-
mote, high and low temperature limits. These registers can be
written to and read back, over the SMBus. The high limit regis-
ters perform a > comparison while the low limit registers per-
form a < comparison. For example, if the high limit register is
programmed with 80
°C, then measuring 81°C will result in an
alarm condition.
One-Shot Register
The One-Shot Register is used to initiate a single conversion
and comparison cycle when the ADM1020 is in standby mode,
after which the device returns to standby. This is not a data
register as such and it is the write operation that causes the one-
shot conversion. The data written to this address is irrelevant
and is not stored.
SERIAL BUS INTERFACE
Control of the ADM1020 is carried out via the serial bus. The
ADM1020 is connected to this bus as a slave device, under the
control of a master device, e.g., the PIIX4
ADDRESS PIN
In general, every SMBus device has a 7-bit device address (except
for some devices that have extended, 10-bit addresses). When
the master device sends a device address over the bus, the slave
device with that address will respond. The ADM1020 has an
address select pin, ADD to allow selection of the device ad-
dress, so that more than one ADM1020 can be used on the
same bus, and/or to avoid conflict with other devices. Although
only one address pins is provided, it is a three-level input, and
can be grounded, left unconnected, or tied to VDD, so that a
total of three different addresses are possible, as shown in
Table VI.
It should be noted that the state of the address pin is only
sampled at power-up, so changing it after power-up will have
no effect.
Table VI. Device Addresses
ADD
Device Address
0
1001 100
NC
1001 101
1
1001 110
NOTE: ADD is sampled at power-up only.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDATA, while the serial clock line SCLK remains
high. This indicates that an address/data stream will follow.
All slave peripherals connected to the serial bus respond to
the START condition, and shift in the next eight bits, con-
sisting of a 7-bit address (MSB first) plus a R/
W bit, which
determines the direction of the data transfer, i.e., whether
data will be written to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge Bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/
W bit is a 0, the master will write to the slave
device. If the R/
W bit is a 1, the master will read from the
slave device.
2. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an Acknowledge Bit from
the slave device. Transitions on the data line must occur
during the low period of the clock signal and remain stable
during the high period, as a low-to-high transition when the
clock is high may be interpreted as a STOP signal. The num-
ber of data bytes that can be transmitted over the serial bus
in a single READ or
WRITE operation is limited only by
what the master and slave devices can handle.
3. When all data bytes have been read or written, stop condi-
tions are established. In
WRITE mode, the master will pull
the data line high during the 10th clock pulse to assert a
STOP condition. In READ mode, the master device will
override the acknowledge bit by pulling the data line high
during the low period before the 9th clock pulse. This is
known as no acknowledge. The master will then take the
data line low during the low period before the 10th clock
pulse, then high during the 10th clock pulse to assert a
STOP condition.
Any number of bytes of data may be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation, because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.


Số phần tương tự - ADM1020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

Mô tả tương tự - ADM1020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Faraday Technology
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
   LOW COST MONITOR FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com