công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG711 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
ADG711 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 8 page –3– REV. 0 ADG711/ADG712/ADG713 (VDD = +3 V 10%, GND = 0 V. All specifications –40 C to +85 C unless otherwise noted.) B Version –40 C to Parameter +25 C +85 C Units Test Conditions/Comments ANALOG SWITCH Analog Signal Range 0 V to VDD V On-Resistance (RON) 5 5.5 Ω typ VS = 0 V to VDD, IS = –10 mA; 8 Ω max Test Circuit 1 On-Resistance Match Between 0.1 Ω typ VS = 0 V to VDD, IS = –10 mA Channels ( ∆R ON) 0.3 Ω max On-Resistance Flatness (RFLAT(ON)) 2.5 Ω typ VS = 0 V to VDD, IS = –10 mA LEAKAGE CURRENTS VDD = +3.3 V; Source OFF Leakage IS (OFF) ±0.01 nA typ VS = 3 V/1 V, VD = 1 V/3 V; ±0.1 ±0.2 nA max Test Circuit 2 Drain OFF Leakage ID (OFF) ±0.01 nA typ VS = 3 V/1 V, VD = 1 V/3 V; ±0.1 ±0.2 nA max Test Circuit 2 Channel ON Leakage ID, IS (ON) ±0.01 nA typ VS = VD = 1 V, or 3 V; ±0.1 ±0.2 nA max Test Circuit 3 DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.4 V max Input Current IINL or IINH 0.005 µA typ VIN = VINL or VINH ±0.1 µA max DYNAMIC CHARACTERISTICS 2 tON 13 ns typ RL = 300 Ω, C L = 35 pF, 20 ns max VS = 2 V; Test Circuit 4 tOFF 7 ns typ RL = 300 Ω, C L = 35 pF, 12 ns max VS = 2 V; Test Circuit 4 Break-Before-Make Time Delay, tD 7 ns typ RL = 300 Ω, CL = 35 pF, (ADG713 Only) 1 ns min VS1 = VS2 = 2 V; Test Circuit 5 Charge Injection 3 pC typ VS = 1.5 V; RS = 0 Ω, C L = 1 nF; Test Circuit 6 Off Isolation –58 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz –78 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz; Test Circuit 7 Channel-to-Channel Crosstalk –90 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz; Test Circuit 8 Bandwidth –3 dB 200 MHz typ RL = 50 Ω, CL = 5 pF; Test Circuit 9 CS (OFF) 10 pF typ CD (OFF) 10 pF typ CD, CS (ON) 22 pF typ POWER REQUIREMENTS VDD = +3.3 V IDD 0.001 µA typ Digital Inputs = 0 V or 3 V 1.0 µA max NOTES 1Temperature ranges are as follows: B Version: –40 °C to +85°C. 2Guaranteed by design, not subject to production test. Specifications subject to change without notice. SPECIFICATIONS1 |
Số phần tương tự - ADG711 |
|
Mô tả tương tự - ADG711 |