công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7446221010 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7446221010
Giải thích chi tiết về linh kiện  CURRENT-COMPENSATED CHOKE WE-LF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7446221010 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7446221010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Gehäuse / case: MV
a
23,5 max
mm
b
16,0 max
mm
c
25,5 max
mm
d
10,0 ± 0,2
mm
e
12,5 ± 0,2
mm
f
3,0 ± 0,5
mm
ø
0,6 x 0,6 typ
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung /
nominal voltage
33%
+25°C
1500 V,50 Hz
HasA
Version 4
12-08-07
MST
Version 3
05-11-22
MST
Version 2
04-01-18
MST
Version 1
04-10-11
Name
Änderung / modification
Datum / date
IN
Luftfeuchtigkeit / humidity:
A Mechanische Abmessungen / dimensions:
10 kHz / 50 mV / 25°C
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
50 Hz
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-LF
CURRENT-COMPENSATED CHOKE WE-LF
Artikelnummer / part number :
7446221010
mH
RDC
LO
10.0
250
HP 34401 A für/for IN und/and RDC
FLUKE PM 6306 für/for L0/LN
UN
It is recommended that the temperature of the part does
Gehäuse / case:
Draht / wire:
UL94V-0
Klimabeständigkeit/ climatic class:
40/125/21
Verguß / molding:
Betriebstemp. / operating temperature:
-40°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
UL94V-0
P155 IEC317-20
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2012-08-07
max.
A
Testbedingungen /
test conditions
1.3
0.250
±30%
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
..............................................................
V
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
Prüfspannung / testing voltage
Umgebungstemperatur / temperature:
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Würth Elektronik
..................................................................................
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety
and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
f
Ø
LF
SEITE 1 VON 1


Số phần tương tự - 7446221010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7446221012 WURTH-7446221012 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results

Mô tả tương tự - 7446221010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7446222002 WURTH-7446222002 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121007 WURTH-7446121007 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446321033 WURTH-7446321033 Datasheet
93Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446422007 WURTH-7446422007 Datasheet
105Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446220047 WURTH-7446220047 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
74462250007 WURTH-74462250007 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446321050 WURTH-7446321050 Datasheet
93Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446622002 WURTH-7446622002 Datasheet
91Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121010 WURTH-7446121010 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446221027 WURTH-7446221027 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446222004 WURTH-7446222004 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com