công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34163DWR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC34163DWR2
Giải thích chi tiết về linh kiện  3.4 A, Step-Up/Down/ Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34163DWR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC34163DWR2 Datasheet HTML 1Page - ON Semiconductor MC34163DWR2 Datasheet HTML 2Page - ON Semiconductor MC34163DWR2 Datasheet HTML 3Page - ON Semiconductor MC34163DWR2 Datasheet HTML 4Page - ON Semiconductor MC34163DWR2 Datasheet HTML 5Page - ON Semiconductor MC34163DWR2 Datasheet HTML 6Page - ON Semiconductor MC34163DWR2 Datasheet HTML 7Page - ON Semiconductor MC34163DWR2 Datasheet HTML 8Page - ON Semiconductor MC34163DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34163, MC33163
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, Pin 16 = VCC, CT = 620 pF, for typical values TA = 25°C, for min/max values TA is
the operating ambient temperature range that applies (Note 5), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency
TA = 25°C
Total Variation over VCC = 2.5 V to 40 V, and Temperature
fOSC
46
45
50
54
55
kHz
Charge Current
Ichg
225
mA
Discharge Current
Idischg
25
mA
Charge to Discharge Current Ratio
Ichg/Idischg
8.0
9.0
10
Sawtooth Peak Voltage
VOSC(P)
1.25
V
Sawtooth Valley Voltage
VOSC(V)
0.55
V
FEEDBACK COMPARATOR 1
Threshold Voltage
TA = 25°C
Line Regulation (VCC = 2.5 V to 40 V, TA = 25°C)
Total Variation over Line, and Temperature
Vth(FB1)
4.9
4.85
5.05
0.008
5.2
0.03
5.25
V
%/V
V
Input Bias Current (VFB1 = 5.05 V)
IIB(FB1)
100
200
mA
FEEDBACK COMPARATOR 2
Threshold Voltage
TA = 25°C
Line Regulation (VCC = 2.5 V to 40 V, TA = 25°C)
Total Variation over Line, and Temperature
Vth(FB2)
1.225
1.213
1.25
0.008
1.275
0.03
1.287
V
%/V
V
Input Bias Current (VFB2 = 1.25 V)
IIB(FB2)
− 0.4
0
0.4
mA
CURRENT LIMIT COMPARATOR
Threshold Voltage
TA = 25°C
Total Variation over VCC = 2.5 V to 40 V, and Temperature
Vth(Ipk Sense)
230
250
270
mV
Input Bias Current (VIpk (Sense) = 15 V)
IIB(sense)
1.0
20
mA
DRIVER AND OUTPUT SWITCH (Note 4)
Sink Saturation Voltage (ISW = 2.5 A, Pins 14, 15 grounded)
Non−Darlington Connection (RPin 9 = 110 W to VCC, ISW/IDRV ≈ 20)
Darlington Connection (Pins 9, 10, 11 connected)
VCE(sat)
0.6
1.0
1.0
1.4
V
Collector Off−State Leakage Current (VCE = 40 V)
IC(off)
0.02
100
mA
Bootstrap Input Current Source (VBS = VCC + 5.0 V)
Isource(DRV)
0.5
2.0
4.0
mA
Bootstrap Input Zener Clamp Voltage (IZ = 25 mA)
VZ
VCC + 6.0 VCC + 7.0 VCC + 9.0
V
LOW VOLTAGE INDICATOR
Input Threshold (VFB2 Increasing)
Vth
1.07
1.125
1.18
V
Input Hysteresis (VFB2 Decreasing)
VH
15
mV
Output Sink Saturation Voltage (Isink = 2.0 mA)
VOL(LVI)
0.15
0.4
V
Output Off−State Leakage Current (VOH = 15 V)
IOH
0.01
5.0
mA
TOTAL DEVICE
Standby Supply Current (VCC = 2.5 V to 40 V, Pin 8 = VCC,
Pins 6, 14, 15 = GND, remaining pins open)
ICC
6.0
10
mA
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
5. Tlow =0°C for MC34163
Thigh =+ 70°C for MC34163
= − 40°C for MC33163
= + 85°C for MC33163


Số phần tương tự - MC34163DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34163DWR2 ONSEMI-MC34163DWR2 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163DWR2G ONSEMI-MC34163DWR2G Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Mô tả tương tự - MC34163DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com