công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34163DW bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC34163DW
Giải thích chi tiết về linh kiện  3.4 A, Step-Up/Down/ Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34163DW bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC34163DW Datasheet HTML 1Page - ON Semiconductor MC34163DW Datasheet HTML 2Page - ON Semiconductor MC34163DW Datasheet HTML 3Page - ON Semiconductor MC34163DW Datasheet HTML 4Page - ON Semiconductor MC34163DW Datasheet HTML 5Page - ON Semiconductor MC34163DW Datasheet HTML 6Page - ON Semiconductor MC34163DW Datasheet HTML 7Page - ON Semiconductor MC34163DW Datasheet HTML 8Page - ON Semiconductor MC34163DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34163, MC33163
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Switch Collector Voltage Range
VC(switch)
−1.0 to + 40
V
Switch Emitter Voltage Range
VE(switch)
− 2.0 to VC(switch)
V
Switch Collector to Emitter Voltage
VCE(switch)
40
V
Switch Current (Note 2)
ISW
3.4
A
Driver Collector Voltage
VC(driver)
−1.0 to +40
V
Driver Collector Current
IC(driver)
150
mA
Bootstrap Input Current Range (Note 2)
IBS
−100 to +100
mA
Current Sense Input Voltage Range
VIpk (Sense)
(VCC−7.0) to (VCC+1.0)
V
Feedback and Timing Capacitor Input Voltage Range
Vin
−1.0 to + 7.0
V
Low Voltage Indicator Output Voltage Range
VC(LVI)
−1.0 to + 40
V
Low Voltage Indicator Output Sink Current
IC(LVI)
10
mA
Thermal Characteristics
P Suffix, Dual−In−Line Case 648C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case (Pins 4, 5, 12, 13)
DW Suffix, Surface Mount Case 751G
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case (Pins 4, 5, 12, 13)
RqJA
RqJC
RqJA
RqJC
80
15
94
18
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34163
MC33163
TA
0 to +70
− 40 to + 85
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests: Human Body Model 1500 V per MIL−STD−883, Method 3015.
Machine Model Method 150 V.
2. Maximum package power dissipation limits must be observed.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
ORDERING INFORMATION
Device
Package
Shipping
MC33163DW
SOIC−16W
47 Units / Rail
MC33163DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
MC33163DWR2
SOIC−16W
1000 Units / Reel
MC33163DWR2G
SOIC−16W
(Pb−Free)
1000 Units / Reel
MC33163P
PDIP−16
25 Units / Rail
MC33163PG
PDIP−16
(Pb−Free)
25 Units / Rail
MC34163DW
SOIC−16W
47 Units / Rail
MC34163DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
MC34163DWR2
SOIC−16W
1000 Units / Reel
MC34163DWR2G
SOIC−16W
(Pb−Free)
1000 Units / Reel
MC34163P
PDIP−16
25 Units / Rail
MC34163PG
PDIP−16
(Pb−Free)
25 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Số phần tương tự - MC34163DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34163DW ONSEMI-MC34163DW Datasheet
397Kb / 16P
   POWER SWITCHING REGULATORS
REV 2
MC34163DW ONSEMI-MC34163DW Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163DWG ONSEMI-MC34163DWG Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163DWR2 ONSEMI-MC34163DWR2 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163DWR2G ONSEMI-MC34163DWR2G Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Mô tả tương tự - MC34163DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com