công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33364DR2G bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33364DR2G
Giải thích chi tiết về linh kiện  Critical Conduction GreenLinet SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364DR2G bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33364DR2G Datasheet HTML 1Page - ON Semiconductor MC33364DR2G Datasheet HTML 2Page - ON Semiconductor MC33364DR2G Datasheet HTML 3Page - ON Semiconductor MC33364DR2G Datasheet HTML 4Page - ON Semiconductor MC33364DR2G Datasheet HTML 5Page - ON Semiconductor MC33364DR2G Datasheet HTML 6Page - ON Semiconductor MC33364DR2G Datasheet HTML 7Page - ON Semiconductor MC33364DR2G Datasheet HTML 8Page - ON Semiconductor MC33364DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC33364
http://onsemi.com
4
PIN DESCRIPTION
Pin
Function
Description
1(1)
Zero Current Detect
The ZCD Pin ensures critical conduction mode. ZCD monitors the voltage on the auxiliary winding,
during the demagnetization phase of the transformer, comparing it to an internal reference. The
ZCD sets the latch for the output driver.
3(2)
Current Sense
The Current Sense Pin monitors the current in the power switch by measuring the voltage across
a resistor. Leading Edge Blanking is utilized to prevent false triggering. The voltage is compared to
a resistor divider connected to the Voltage Feedback Pin. A 110 mV voltage off--set is applied to
compensate the natural optocoupler saturation voltage.
4(3)
Voltage Feedback
The Voltage Feedback Pin is typically connected to the collector of the optocoupler for feedback
from the isolated secondary output. The Feedback is connected to the Vref Pinviaa5kresistor
providing bias for the external optocoupler.
6(4)
Vref
The Vref Pin is a buffered internal 5.0 V reference with Undervoltage Lockout.
8(NA)
Frequency Clamp
The Frequency Clamp Pin ensures a minimum off--time value, typically 6.9 ms. It prevents the
MOSFET from restarting within a fixed (33364D1) or adjustable (33364D) delay. The minimum
off--time is disabled in the 33364D2. Therefore the maximum switching frequency cannot exceed
1/(TON +TOFFmin).
9(5)
AGND
This pin is the ground for the internal circuitry excluding the gate drive stage.
10 (5)
PGND
This pin is the ground for the gate drive stage.
11 (6)
Gate Drive
The gate drive is the output to drive the gate of the power MOSFET.
12 (7)
VCC
Provides the voltage for all internal circuitry including the gate drive stage and Vref. This pin has
Undervoltage Lockout with hysteresis.
16 (8)
Line
The Line Pin provides the initial power to the VCC pins. Internally the line pin is a high voltage
current source, eliminating the need for an external startup network.
NOTE: For further information please refer to the following Application Notes;
AN1594: Critical Conduction Mode, Flyback Switching Power Supply Using the MC33364.
AN1681: How to keep a Flyback Switch--Mode Power Supply Stable with a Critical--Mode Controller.
MAXIMUM RATINGS (TA =25C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage (Operating)
VCC
16
V
Line Voltage
VLine
700
V
Current Sense, Compensation,
Voltage Feedback, Restart Delay and Zero Current Input Voltage
Vin1
--1.0to+10
V
Zero Current Detect Input
Iin
5.0
mA
Restart Diode Current
Iin
5.0
mA
Power Dissipation and Thermal Characteristics
D1 and D2 Suffix, Plastic Package Case 751
Maximum Power Dissipation @ TA =70C
PD
450
mW
Thermal Resistance, Junction--to--Air
RθJA
178
C/W
D Suffix, Plastic Package Case 751B--05
Maximum Power Dissipation @ TA =70C
PD
550
mW
Thermal Resistance, Junction--to--Air
RθJA
145
C/W
Operating Junction Temperature
TJ
150
C
Operating Ambient Temperature
TA
--25 to +125
C
Storage Temperature Range
Tstg
--55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: ESD data available upon request.


Số phần tương tự - MC33364DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364DR2G ONSEMI-MC33364DR2G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
More results

Mô tả tương tự - MC33364DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com