công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33364D2R2G bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC33364D2R2G
Giải thích chi tiết về linh kiện  Critical Conduction GreenLinet SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364D2R2G bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC33364D2R2G Datasheet HTML 1Page - ON Semiconductor MC33364D2R2G Datasheet HTML 2Page - ON Semiconductor MC33364D2R2G Datasheet HTML 3Page - ON Semiconductor MC33364D2R2G Datasheet HTML 4Page - ON Semiconductor MC33364D2R2G Datasheet HTML 5Page - ON Semiconductor MC33364D2R2G Datasheet HTML 6Page - ON Semiconductor MC33364D2R2G Datasheet HTML 7Page - ON Semiconductor MC33364D2R2G Datasheet HTML 8Page - ON Semiconductor MC33364D2R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC33364
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 15.5 V, for typical values TA =25C, for min/max values TJ = --25to125C)
Characteristic
Symbol
Min
Typ
Max
Unit
VOLTAGE REFERENCE
Reference Output Voltage (IOut =0 mA, TJ =25C)
Vref
4.90
5.05
5.20
V
Line Regulation (VCC =10 V to 20 V)
Regline
--
2.0
50
mV
Load Regulation (IOut =0 mA to 5.0 mA)
Regload
--
0.3
50
mV
Maximum Vref Output Current
IO
--
5
--
mA
Reference Undervoltage Lockout Threshold
Vth
--
4.5
--
V
ZERO CURRENT DETECTOR
Input Threshold Voltage (Vin Decreasing)
Vth
0.9
1.0
1.1
V
Hysteresis (Vin Decreasing)
VH
--
200
--
mV
Input Clamp Voltage -- High State (IDET =3.0 mA)
VIH
9.0
10.33
12
V
Input Clamp Voltage -- Low State (IDET =--3.0 mA)
VIL
--1.1
--0.75
0.5
CURRENT SENSE COMPARATOR
Input Bias Current (VCS =0 to 2.0 V)
IIB
--0.5
0.02
0.5
mA
Built In Offset
VIO
50
108
170
mV
Feedback Pin Input Range
VFB
1.1
1.24
1.4
V
Feedback Pin to Output Delay
tDLY
100
232
400
ns
DRIVE OUTPUT
Source Resistance (Drive = 0 V, VGate =VCC -- 1.0 V)
ROH
10
36
70
Ω
Sink Resistance (Drive = VCC,VGate =1.0 V)
ROL
5
11
25
Ω
Output Voltage Rise Time (25% -- 75%) (CL =1.0 nF)
tr
--
67
150
ns
Output Voltage Fall Time (75% -- 25%) (CL =1.0 nF)
tf
--
28
50
ns
Output Voltage in Undervoltage (VCC =7.0 V, ISink =1.0 mA)
VO(UV)
--
0.01
0.03
V
LEADING EDGE BLANKING
Delay to Current Sense Comparator Input
tPHL(in/out)
--
250
--
ns
(VFB =2.0 V, VCS = 0 Vto4.0 Vstep, CL =1.0 nF)
THERMAL SHUTDOWN
Shutdown (Junction Temperature Increasing)
Hysteresis (Junction Temperature Decreasing)
Tsd
TH
--
--
180
50
--
--
C
TIMER
Watchdog Timer
tDLY
200
360
700
ms
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing)
Vth(on)
14
15
16
V
Minimum Operating Voltage After Turn--On (VCC Decreasing)
VShutdown
6.5
7.6
8.5
V
FREQUENCY CLAMP
Internal FC Function (pin open)
fmax
104
126
145
kHz
Internal FC Function (pin grounded)
fmax
400
564
800
kHz
Frequency Clamp Input Threshold
Vth(FC)
1.89
1.95
2.01
V
Frequency Clamp Control Current Range (Sink)
IControl
30
70
110
mA
Dead Time (FC pin = 1.7 V)
Td
3.5
5.0
6.5
ms
TOTAL DEVICE
Line Startup Current (VLine =50 V)(VCC =Vth(on) -- 1.0 V)
ILine
5.0
8.5
12
mA
Restart Delay Time
tDLY
100
ms
Line Pin Leakage (VLine = 500 V)
ILine
0.5
32
70
mA
Line Startup Current (VCC =0 V, VLine =50 V)
ILine
6.0
10
12
mA
VCC Dynamic Operating Current (50 kHz, CL =1.0 nF)
ICC
1.5
2.75
4.5
mA
VCC Off State Consumption (VCC =11 V)
ICC Off
300
544
800
mA


Số phần tương tự - MC33364D2R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364D2R2G ONSEMI-MC33364D2R2G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
More results

Mô tả tương tự - MC33364D2R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com