công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33364D1R2G bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33364D1R2G
Giải thích chi tiết về linh kiện  Critical Conduction GreenLinet SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364D1R2G bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33364D1R2G Datasheet HTML 6Page - ON Semiconductor MC33364D1R2G Datasheet HTML 7Page - ON Semiconductor MC33364D1R2G Datasheet HTML 8Page - ON Semiconductor MC33364D1R2G Datasheet HTML 9Page - ON Semiconductor MC33364D1R2G Datasheet HTML 10Page - ON Semiconductor MC33364D1R2G Datasheet HTML 11Page - ON Semiconductor MC33364D1R2G Datasheet HTML 12Page - ON Semiconductor MC33364D1R2G Datasheet HTML 13Page - ON Semiconductor MC33364D1R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC33364
http://onsemi.com
10
The primary inductance value is given by:
Lp =
∂max Vin(min)
Ippkfmin
=
0.5
127 V
0.472 A70 kHz =
1.92 mH
The manufacturer recommends for that magnetic core a
maximum operating flux density of:
Bmax = 0.2 T
The cross--sectional area Ac of the EF20 core is:
Ac = 33.5 mm2
The operating flux density is given by:
Bmax =
LpIppk
NpAc
From this equation the number of turns of the primary
winding can be derived:
np =
LpIppk
BmaxAc
The AL factor is determined by:
AL =
Lp
n2p
=
LpBmaxAc
2
LpI
ppk
2
=
0.2 T
33.5E--6m2
2
.00192 H0.472 A
2 =
105 nH
From the manufacturer‘s catalogue recommendation the
core with an AL of 100 nH is selected. The desired number
of turns of the primary winding is:
np =
Lp
AL
1∕2
=
0.00192H
100 nH
1∕2
= 139 turns
The number of turns needed by the 6.0 V secondary is
(assuming a Schottky rectifier is used):
ns =
Vs+Vfwd1–∂maxnp
∂maxVin(min)
=
6.0 V+0.3 V1−0.5139
0.5127 V
= 7 turns
The auxiliary winding to power the control IC is 16 V and
its number of turns is given by:
naux =
(Vaux + Vfwd)(1 −∂max)np
∂max(Vin(min))
=
(16 V + 0.9 V)(1 − 0.5)139
[0.5(127 V)]
= 19 turns
The approximate value of rectifier capacitance needed is:
C1 =
toff(Iin)
Vripple
=
(5 m sec)(0.118 A)
50 V
= 11.8 mF
where the minimum ripple frequency is 2 times the 50 Hz
line frequency and toff, the discharge time of C1 during the
haversine cycle, is assumed to be half the cycle period.
Because we have a variable frequency system, all the
calculations for the value of the output filter capacitors will
be done at the lowest frequency, since the ripple voltage will
be greatest at this frequency. When selecting the output
capacitor select a capacitor with low ESR to minimize ripple
from the current ripple. The approximate equation for the
output capacitance value is given by:
C5 =
Iout
(fmin)(Vrip)
=
2A
(70 kHz)(0.1 V) =
286 mF
Determining the value of the current sense resistor (R7),
one uses the peak current in the predesign consideration.
Since within the IC there is a limitation of the voltage for the
current sensing, which is set to 1.2 V, the design of the
current sense resistor is simply given by:
R7 =
Vcs
Ippk
=
1.2 V
0.472 A =
2.54 Ω ≈ 2.2 Ω
The error amplifier function is provided by a TL431 on the
secondary, connected to the primary side via an optoisolator,
the MOC8102.
The voltage of the optoisolator collector node sets the
peak current flowing through the power switch during each
cycle. This pin will be connected to the feedback pin of the
MC33364, which will directly set the peak current.
Starting on the secondary side of the power supply, assign
the sense current through the voltage--sensing resistor
divider to be approximately 0.25 mA. One can immediately
calculate the value of the lower and upper resistor:
Rlower = R11 =
Vref (TL431)
Idiv
=
2.5 V
0.25 mA =
10 k
Rupper = R10 =
Vout − Vref(TL431)
Idiv
=
6.0 V − 2.5V
0.25 mA
= 14 k
The value of the resistor that would provide the bias
current through the optoisolator and the TL431 is set by the
minimum operating current requirements of the TL431.
This current is minimum 1.0 mA. Assign the maximum
current through the branch to be 5 mA. That makes the bias
resistor value equal to:
Rbias = RS =
Vout − [Vref(TL431) + VLED]
ILED
=
6.0 V − [2.5V + 1.4V]
5.0 mA
= 420 Ω ≈ 430 Ω


Số phần tương tự - MC33364D1R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364D1R2G ONSEMI-MC33364D1R2G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
More results

Mô tả tương tự - MC33364D1R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com