công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE5741 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MJE5741
Giải thích chi tiết về linh kiện  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5741 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MJE5741 Datasheet HTML 1Page - Motorola, Inc MJE5741 Datasheet HTML 2Page - Motorola, Inc MJE5741 Datasheet HTML 3Page - Motorola, Inc MJE5741 Datasheet HTML 4Page - Motorola, Inc MJE5741 Datasheet HTML 5Page - Motorola, Inc MJE5741 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE5740 MJE5741 MJE5742
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (1)
DC Current Gain (IC = 0.5 Adc, VCE = 5 Vdc)
(IC = 4 Adc, VCE = 5 Vdc)
hFE
50
200
100
400
Collector–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Collector–Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Collector–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VCE(sat)
2
3
2.2
Vdc
Base–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Base–Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Base–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VBE(sat)
2.5
3.5
2.4
Vdc
Diode Forward Voltage (2) (IF = 5 Adc)
Vf
2.5
Vdc
SWITCHING CHARACTERISTICS
Typical Resistive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC(pk) = 6 A
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
td
0.04
µs
Rise Time
(VCC = 250 Vdc, IC(pk) = 6 A
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
tr
0.5
µs
Storage Time
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
ts
8
µs
Fall Time
Duty Cycle
v 1%)
tf
2
µs
Inductive Load, Clamped (Table 1)
Voltage Storage Time
(IC(pk) = 6 A, VCE(pk) = 250 Vdc
IB1 = 0.06 A, VBE(off) = 5 Vdc)
tsv
4
µs
Crossover Time
(IC(pk) = 6 A, VCE(pk) = 250 Vdc
IB1 = 0.06 A, VBE(off) = 5 Vdc)
tc
2
µs
(1) Pulse Test: Pulse Width 300
µs, Duty Cycle = 2%.
(2) The internal Collector–to–Emitter diode can eliminate the need for an external diode to clamp inductive loads. Tests have shown that the
(2) Forward Recovery Voltage (Vf) of this diode is comparable to that of typical fast recovery rectifiers.
trv
IC
VCE
90% IB1
tsv
IC(pk)
VCE(pk)
90% VCE(pk)
90% IC
10% VCE(pk)
10%
IC(pk) 2% IC
IB
tfi
tti
tc
0.1
IC, COLLECTOR CURRENT (AMPS)
5
2000
VCE = 5 V
1
+ 25
°C
2
10
1000
100
10
0
TC, CASE TEMPERATURE (°C)
0
40
120
160
60
SECOND BREAKDOWN DERATING
100
80
40
20
60
100
140
80
THERMAL DERATING
Figure 1. Power Derating
Figure 2. Inductive Switching Measurements
IC, COLLECTOR CURRENT (AMPS)
2.4
1.6
0.4
Figure 3. DC Current Gain
Figure 4. Base–Emitter Voltage
2
1.2
0.8
hFE = 20
0.2
10
2
0.5
1
5
TIME
150
°C
– 55
°C
20
2.2
1.4
1.8
1
0.6
+150
°C
+ 25
°C
– 55
°C
TYPICAL CHARACTERISTICS


Số phần tương tự - MJE5741

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE5741 ONSEMI-MJE5741 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
logo
New Jersey Semi-Conduct...
MJE5741 NJSEMI-MJE5741 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
More results

Mô tả tương tự - MJE5741

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com