công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE4353 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MJE4353
Giải thích chi tiết về linh kiện  16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE4353 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MJE4353 Datasheet HTML 1Page - Motorola, Inc MJE4353 Datasheet HTML 2Page - Motorola, Inc MJE4353 Datasheet HTML 3Page - Motorola, Inc MJE4353 Datasheet HTML 4Page - Motorola, Inc MJE4353 Datasheet HTML 5Page - Motorola, Inc MJE4353 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE4342 MJE4343 MJE4352 MJE4353
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
MJE4342, MJE4352
MJE4343, MJE4353
VCEO(sus)
140
160
Vdc
Collector–Emitter Cutoff Current
(VCE = 70 Vdc, IB = 0)
MJE4342, MJE4352
(VCE = 80 Vdc, IB = 0
MJE4343, MJE4353
ICEO
750
750
µAdc
Collector–Emitter Cutoff Current
(VCE = Rated VCB, VEB(off) = 1.5 Vdc)
(VCE = Rated VCB, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
1.0
5.0
mAdc
Collector–Base Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
750
µAdc
Emitter–Base Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 8.0 Adc, VCE = 2.0 Vdc)
(IC = 16 Adc, VCE = 4.0 Vdc)
hFE
15
8.0
35 (Typ)
15 (Typ)
Collector–Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 800 mA)
(IC = 16 Adc, IB = 2.0 Adc)
VCE(sat)
2.0
3.5
Vdc
Base–Emitter Saturation Voltage
(IC = 16 Adc, IB = 2.0 Adc)
VBE(sat)
3.9
Vdc
Base–Emitter On Voltage
(IC = 16 Adc, VCE = 4.0 Vdc)
VBE(on)
3.9
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 1.0 Adc, VCE = 20 Vdc, ftest = 0.5 MHz)
fT
1.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
800
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle w 2.0%.
(2) fT = hfe• ftest.
Figure 2. Switching Times Test Circuit
+11 V
25
µs
0
– 9.0 V
RB
– 4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
3.0
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
IC/IB = 10
VCE = 30 V
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.2
0.5 0.7
5.0
2.0
1.0
3.0
20
Figure 3. Typical Turn–On Time
10
7.0
tr
0.3
Note: Reverse polarities to test PNP devices.
td @ VBE(off) = 5.0 V


Số phần tương tự - MJE4353

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
More results

Mô tả tương tự - MJE4353

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com