công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE3439 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MJE3439
Giải thích chi tiết về linh kiện  0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE3439 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MJE3439 Datasheet HTML 1Page - Motorola, Inc MJE3439 Datasheet HTML 2Page - Motorola, Inc MJE3439 Datasheet HTML 3Page - Motorola, Inc MJE3439 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJE3439
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 5.0 mAdc, IB = 0)
VCEO(sus)
350
Vdc
Collector Cutoff Current
(VCE = 300 Vdc, IB = 0)
ICEO
20
µAdc
Collector Cutoff Current
(VCE = 450 Vdc, VEB(off) = 1.5 Vdc)
ICEX
500
µAdc
Collector Cutoff Current
(VCB = 350 Vdc, IE = 0)
ICBO
20
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
20
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 mAdc, VCE = 10 Vdc)
(IC = 20 mAdc, VCE = 10 Vdc)
hFE
30
15
200
Collector–Emitter Saturation Voltage
(IC = 50 mAdc, IB = 4.0 mAdc)
VCE(sat)
0.5
Vdc
Base–Emitter Saturation Voltage
(IC = 50 mAdc, IB = 4.0 mAdc)
VBE(sat)
1.3
Vdc
Base–Emitter On Voltage
(IC = 50 mAdc, VCE = 10 Vdc)
VBE(on)
0.8
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 5.0 MHz)
fT
15
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
10
pF
Small–Signal Current Gain
(IC = 5.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
1.0
1.0
Figure 2. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.5
0.3
0.2
0.05
0.001
5.0
10
0.02
0.03
2.0
20
50
1000
0.1
100
200
500
MJE3439
0.7
0.07
0.01
0.002
0.003
0.005
0.007
3.0
7.0
30
70
300
The Safe Operating Area Curves indicate IC – VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the ap-
plicable Safe Area to avoid causing a catastrophic failure. To
insure operation below the maximum TJ, power–temperature
derating must be observed for both steady state and pulse
power conditions.


Số phần tương tự - MJE3439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE3439 ONSEMI-MJE3439 Datasheet
60Kb / 4P
   NPN Silicon High?뭋oltage Power Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
ON Semiconductor
MJE3439G ONSEMI-MJE3439G Datasheet
60Kb / 4P
   NPN Silicon High?뭋oltage Power Transistor
February, 2006 ??Rev. 11
MJE3439G ONSEMI-MJE3439G Datasheet
82Kb / 4P
   NPN Silicon High-Voltage Power Transistor
December, 2013 ??Rev. 13
More results

Mô tả tương tự - MJE3439

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
MJF47 MOTOROLA-MJF47 Datasheet
160Kb / 6P
   NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
   30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com