công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS12LC106J bảng dữ liệu(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
GS12LC106J bảng dữ liệu(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 2 page Derating Curve 100 80 60 40 20 -60 -40 0 40 6080100 25 20 Ambient Temperature (°C) 0 -55 120 125 -20 140 Surface Temperature Rise 140 120 100 60 20 02060 80 % Rated Power 0 100 GS12 GS7 GS1/2 GS1/4 40 80 40 GS10 GS1 GS5 GS3 GS2 118 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/18/12 GS high voltage high resistance thick film resistors features • Miniature construction endurable to high voltage and high power • Resistors excellent in anti-surge characteristics • Wide resistance range of 0.5MΩ - 10GΩ and small T.C.R. • Marking: Brown body color with alpha/numeric marking • Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass. C: SnCu ordering information ±2%, ±5%, ±10%: 2 significant figures + 1 multiplier ±0.5%, ±1%: 3 significant figures + 1 multiplier 1/4: 0.25W 1/2: 0.5W 1: 1W 2: 2W 3: 3W 5: 5W 7: 7W 10: 10W 12: 12W D(B): ±100 L(A): ±200 D: ±0.5% F: ±1% G: ±2% J: ±5% K: ±10% GS 1/2 L T.C.R. Type Power Rating Nominal Resistance Resistance Tolerance Termination Surface Material New Part # C 106 J dimensions and construction Ceramic Core d D Resistive Film Insulation Coating Trimming Line Electrode Cap Lead Wire L l L GS 1/4 .248±.039 (6.3±1.0) .091±.020 (2.3±0.5) .138±.024 (3.5±0.6) .026 (0.65) .039 (1.0) .311±.039 (7.9±1.0) .374±.039 (9.5±1.0) .591±.059 (15.0±1.5) GS 1/2 GS 1 GS 2 Type D d (Nominal) Dimensions inches (mm) .945±.059 (24.0±1.5) GS 3 2.05±.079 (52.0±2.0) GS 5 2.99±.079 (76.0±2.0) GS 7 3.82±.118 (97.0±3.0) GS 10 4.61±.118 (117.0±3.0) GS 12 5.39±.118 (137.0±3.0) 1.50±.118 (38.0±3.0) l .177±.039 (4.5±1.0) .031 (0.8) EU Packaging quantity: GS1/4: 100 pieces GS1/2: 50 pieces GS1: 20 pieces GS2 ~ 12: 10 pieces Custom forming for all sizes and custom taping for GS1/4 - GS1/2 are available upon request. For resistors operated at an ambient temperature of 25°C or above, a power rating shall be derated in accordance with the above derating curve. |
Số phần tương tự - GS12LC106J |
|
Mô tả tương tự - GS12LC106J |