công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3-B0-10-450-121-C bảng dữ liệu(PDF) 11 Page - Carling Technologies

tên linh kiện CA3-B0-10-450-121-C
Giải thích chi tiết về linh kiện  Circuit Breaker
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CARLINGTECH [Carling Technologies]
Trang chủ  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CA3-B0-10-450-121-C bảng dữ liệu(HTML) 11 Page - Carling Technologies

Back Button CA3-B0-10-450-121-C Datasheet HTML 7Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 8Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 9Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 10Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 11Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 12Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 13Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 14Page - Carling Technologies CA3-B0-10-450-121-C Datasheet HTML 15Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
C-Series Rocker UL Recognized – Ordering Scheme | 11
2 ACTUATOR1
Two Color Visi-Rocker
C
Indicate ON, vertical legend
D
Indicate ON, horizontal legend
E
Indicate ON, no legend
F
Indicate OFF, vertical legend
G
Indicate OFF, horizontal legend
H
Indicate OFF, no legend
Push-To-Reset, Visi-Rocker
N
Indicate OFF,
vertical legend
O
Indicate OFF,
horizontal legend
P
Indicate OFF,
no legend
Single color
J
Vertical legend
K
Horizontal legend
L
No legend
Push-To-Reset, Single color
R
Vertical legend
U
Horizontal legend
V
No legend
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
9
Actuator
Color
10
Mounting/
Barriers
11
Agency
Approval
4
Circuit
Notes:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Push-To-Reset actuators have OFF portion of rocker shrouded.
Multi-pole breakers have all poles identical except when specifying Aux. switch and/or mixed poles, and have one
rocker per breaker. Rocker location as viewed from front panel: 2 pole – left pole; 3 pole – center pole.
Switch Only circuits, rated up to 50 amps and 3 poles, and only available with VDE Certification when tied to a
protected pole (Circuit Code B, C, D or H.), For .02 to 30 amps, select Current Code 630. For 35 - 50 amps, select
Current Code 650. For 55-70 amps, select Current Code 670. For 75-100 amps, select Current Code 810.
Circuit Codes D,E,F,G,H & K available with Terminal Codes 1,2,4 & 5 only. Circuit Codes D,F,H & K available up
to 50 amps maximum Current Rating.
Consult factory for available Dual Coil options, as special catalog number is required. Dual Coil Voltage Coils
with Shunt Trip Construction trip instantaneously on line voltage. Dual Coil Voltage Coils require 30VA minimum
power to trip instantaneously and are rated for intermittent duty only.
Auxiliary Switch available with Series Trip and Switch Only circuits. On multi-pole breakers, one aux. switch is
supplied, mounted in the extreme right pole.Auxilary switch codes 2,3 & 4 are VDE approved.
Voltage coils not rated for continuous duty. Available only with delay codes 10 and 20.
Available with Circuit Codes B & D only, and up to 50 amps maximum.
Current Ratings 60-70 are available up to four poles maximum. Ratings 71-100 are available up to two poles maximum.
Terminal Code 1 available to 60 amps maximum.
Terminal Codes 2,4,5 & C available to 50 amps maximum.
Terminal Codes 3,6 & 9 available to 100 amps maximum.
Terminal Code 7 available to 25 amps maximum.
Terminal Code A available to 100 amps maximum.
Terminal Codes 7,8,9 & C are not VDE approved.
Color shown is visi and legend with remainder of rocker black
Legend on Push-to-reset bezel/shroud is white when single color rocker is ordered. Dual = ON-OFF/I-O legend
with actuator codes C - G, and J, K, N, O, R, & U. None = no legend with actuator codes H, L, P, V. Rocker-
guard available with actuator codes C - L. Push-to-reset available witha ctuator codes N, O, P, R, U, V.
VDE/TUV approval requires Dual (I-O, ON-OFF) or I-O markings on rocker.
VDE/TUV: 30 amps max.; UL/CSA: 50 amps max.; Available in 2 - 4 poles only and limited to AC Delays.
“General Purpose amps” not rated for “full load amps” or to be used in applications with a motor.
C C
B
1
1
3
0
2
D
14 450
1 SERIES
C
8 TERMINAL
110
Stud 10-32, threaded
211
Screw 10-32
312
Stud 1/4-20, threaded
411
Stud M5 x 0.8, threaded
511
Screw M5 x 0.8
612
Stud M6, threaded
713
0.250 Double Quick Connect
8
1/4” Clip Terminal
9
7/16” Clip Terminal
A14
Plug-In Stud
C
5/16” Clip Terminal
3 POLES2
1
One
2
Two
3
Three
4 CIRCUIT
A3 Switch Only (No Coil)
B
Series Trip (Current)
C
Series Trip (Voltage)
D4
Shunt Trip (Current)
E4
Shunt Trip (Voltage)
F4
Relay Trip (Current)
G4
Relay Trip (Voltage)
H4,5 Dual Coil with Shunt Trip
Voltage Coil
K4,5 Dual Coil with Relay Trip
Voltage Coil
6 FREQUENCY & DELAY
03
DC 50/60Hz, Switch Only
107 DC Instantaneous
11
DC Ultra Short
12
DC Short
14
DC Medium
16
DC Long
207
50/60Hz Instantaneous
21
50/60Hz Ultra Short
22
50/60Hz Short
24
50/60Hz Medium
26
50/60Hz Long
30
DC 50/60Hz Instantaneous
31
DC 50/60Hz Ultra Short
32
DC 50/60Hz Short
34
DC 50/60Hz Medium
36
DC 50/60Hz Long
428
50/60Hz Short, Hi-Inrush
448
50/60Hz Medium, Hi-Inrush
468
50/60Hz Long, Hi-Inrush
528
DC Short, Hi-Inrush
548
DC Medium, Hi-Inrush
568
DC Long, Hi-Inrush
10 MOUNTING/BARRIERS1
Standard Rocker Bezel
6-32 x 0.195 inches
6-32 x 0.195 inches
6-32 x 0.195 inches
ISO M3 x 5mm
ISO M3 x 5mm
ISO M3 x 5mm
Rockerguard Bezel
6-32 x 0.195 inches
6-32 x 0.195 inches
6-32 x 0.195 inches
ISO M3 x 5mm
ISO M3 x 5mm
ISO M3 x 5mm
Push-To-Reset Bezel
6-32 x 0.195 inches
6-32 x 0.195 inches
6-32 x 0.195 inches
ISO M3 x 5mm
ISO M3 x 5mm
ISO M3 x 5mm
BARRIERS
no
yes
yes
no
yes
yes
no
yes
yes
no
yes
yes
no
yes
yes
no
yes
yes
1
2
319
4
5
619
A
C
E19
G
J
L19
B
D
F19
H
J
M19
11 AGENCY APPROVAL
C
D
E
H
I
L
R
UL Recognized, CSA Accepted
VDE Certified, UL Recognized, CSA Accepted
TUV Certified, UL Recognized, CSA Accepted
UL489 Construction: VDE Certified, UL Recognized, CSA Accepted
UL Rec. STD 1077, UL Rec. 1500 (ignition protected), CSA Accepted
UL489 Construction: UL Recognized, CSA Accepted
UL489 Construction: TUV Certified, UL Recognized, CSA Accepted
9 ACTUATOR COLOR & LEGEND16,17,18
Color:
White
Black
Red
Green
Blue
Yellow
Gray
Orange
ON-OFF
B
D
G
J
L
N
Q
S
I-O
A
C
F
H
K
M
P
R
Dual/None
1
2
3
4
5
6
7
8
Actuator or
Visi-Color Marking:
Marking Color:
Single Color
Rocker/Handle
Black
White
White
White
White
Black
Black
Black
Visi-Rocker
White
n/a
Red
Green
Blue
Yellow
Gray
Orange
7 CURRENT RATING (AMPERES)
020 0.020
025 0.025
030 0.030
035 0.035
040 0.040
045 0.045
050 0.050
055 0.055
060 0.060
065 0.065
070 0.070
075 0.075
080 0.080
085 0.085
090 0.090
095 0.095
210 0.100
215 0.150
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
425 2.500
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611 11.000
711 11.500
612 12.000
712 12.500
613 13.000
614 14.000
615 15.000
616 16.000
617 17.000
618 18.000
620 20.000
622 22.000
624 24.000
625 25.000
630 30.000
635 35.000
640 40.000
650 50.000
6609 60.000
6709 70.000
6809 80.000
6859 85.000
6909 90.000
6959 95.000
8109 100.000
CODE AMPERES
A06 6DC
A12 12DC
A18 18DC
A24 24DC
A32 32DC
A48 48DC
A65 65DC
J06 6AC
J12 12AC
J18 18AC
J24 24AC
J48 48AC
J65 65AC
K20 120AC
L40 240AC
CODE
RATING
VOLTAGE COIL (NORMINAL RATED VOLTAGE)7
5 AUXILIARY/ALARM SWITCH6
0
without Aux Switch
2
S.P.D.T., 0.110 Q.C. Terminal
3
S.P.D.T., 0.139 Solder Lug
4
S.P.D.T., 0.110 Q.C. Terminal
(Gold Contacts)
6
S.P.S.T., 0.139 Solder Lug
8
S.P.S.T., 0.187 Q.C. Terminal
9
S.P.D.T., 0.187 Q.C. Terminal


Số phần tương tự - CA3-B0-10-450-121-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RCD COMPONENTS INC.
CA3-100-KB RCD-CA3-100-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBQ RCD-CA3-100-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-100-KBW RCD-CA3-100-KBW Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KB RCD-CA3-271-KB Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
CA3-271-KBQ RCD-CA3-271-KBQ Datasheet
253Kb / 1P
   FILTER CHOKES, 1 to 25 AMP
More results

Mô tả tương tự - CA3-B0-10-450-121-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com