công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC-10-08B bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
TC-10-08B bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
3 / 4 page TC www.vishay.com Vishay Dale Revision: 02-Mar-12 3 Document Number: 34077 For technical questions, contact: magnetics@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Omit high voltage winding for TC-10-06. Note (1) Shows typical pin spacing, pin 10 is omitted on all models except -05, -06, -12. SCHEMATICS DIMENSIONS in inches [millimeters] PART MARKING - Model - Date code ORDERING INFORMATION TC-10 -01B EB e2 MODEL DASH NUMBER PACKAGE CODE JEDEC LEAD (Pb)-FREE STANDARD GLOBAL PART NUMBER T C 10 E B 01 B MODEL PACKAGE CODE INDUCTANCE VALUE 5 4 3 2 6 1 9 8 7 Primary Feedback Secondary 1. 2. 8 9 4 5 6 1 2 3 Primary Low Voltage Secondary High Voltage Secondary 3. 5 4 3 9 2 18 Secondary Primary 6 Feedback 4. 3 9 1 2 Primary 8 Secondary 5. 9 2 High Voltage (1) 1 3 4 5 610 Feedback Primary 8 7 Low Voltage Secondary 0.130 [3.30] Min. 0.430 [10.92] Max. 0.750 [19.05] Max. Dia. 8 3 4 7 1 10 9 2 65 0.025 [0.635] (1) Sqare Pin 18° ± 2° 0.660 [16.76] 36° ± 2° Typ. 72° ± 2° Bottom View |
Số phần tương tự - TC-10-08B |
|
Mô tả tương tự - TC-10-08B |