công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7443320033 bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7443320033
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-HCC 1210 (Ferrite)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443320033 bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443320033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / tape and reel specification:
A
11,8 ± 0,1
mm
B
20 ± 0,1
mm
+ 0,1
- 0,1
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
mm
J
10,55 ± 0,1
mm
T
0,40 ± 0,05
mm
W
24,0 ± 0,3
mm
a
330,0 ref
mm
b
24,0 ref
mm
mm
d
75 ± 2
mm
BD
09-11-03
Rst
09-05-05
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
7443320033
SPEICHERDROSSEL WE-HCC 1210 (Ferrit)
POWER-CHOKE WE-HCC 1210 (Ferrite)
DATUM / DATE : 2009-11-03
Gurtspezifikation / Tape specification:
mm
D
1,50
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
.................................................................................
...............................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
a
d
W
E
F
G
B
A
Ø D
H
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
b
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


Số phần tương tự - 7443320033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443320022 WURTH-7443320022 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320047 WURTH-7443320047 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320047 WURTH-7443320047_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320068 WURTH-7443320068 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320082 WURTH-7443320082 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
More results

Mô tả tương tự - 7443320033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443320022 WURTH-7443320022 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320100 WURTH-7443320100 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320820 WURTH-7443320820 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443321000 WURTH-7443321000 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320330 WURTH-7443320330 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320047 WURTH-7443320047 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320068 WURTH-7443320068 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320082 WURTH-7443320082 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320150 WURTH-7443320150 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320220 WURTH-7443320220 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com