công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7443310390 bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7443310390
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-HCC 1210 (Iron Powder)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443310390 bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443310390 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310390 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310390 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310390 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / tape and reel specification:
A
11,8 ± 0,1
mm
B
20 ± 0,1
mm
+ 0,1
- 0,1
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
mm
J
10,55 ± 0,1
mm
T
0,40 ± 0,05
mm
W
24,0 ± 0,3
mm
a
330,0 ref
mm
b
24,0 ref
mm
mm
d
75 ± 2
mm
BD
09-11-03
Rst
08-11-11
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
7443310390
SPEICHERDROSSEL WE-HCC 1210 (Eisenpulver)
POWER-CHOKE WE-HCC 1210 (Iron Powder)
DATUM / DATE : 2009-11-03
Gurtspezifikation / Tape specification:
mm
D
1,50
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
.................................................................................
...............................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
a
d
W
E
F
G
B
A
Ø D
H
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
b
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


Số phần tương tự - 7443310390

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443310330 WURTH-7443310330 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
More results

Mô tả tương tự - 7443310390

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443310068 WURTH-7443310068 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310100 WURTH-7443310100 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310033 WURTH-7443310033 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310082 WURTH-7443310082 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310330 WURTH-7443310330 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310470 WURTH-7443310470 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310022 WURTH-7443310022 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310150 WURTH-7443310150 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310047 WURTH-7443310047 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310220 WURTH-7443310220 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com