công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2225CG223B201 bảng dữ liệu(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

tên linh kiện ST2225CG223B201
Giải thích chi tiết về linh kiện  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MERITEK [MERITEK ELECTRONICS CORPORATION]
Trang chủ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST2225CG223B201 bảng dữ liệu(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button ST2225CG223B201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION ST2225CG223B201 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STORAGE
To prevent the damage of solderability of terminations, the following storage conditions are
recommended:
Indoors under 5 ~ 40℃ and 20% ~ 70% RH.
No harmful gases containing sulfuric acid, ammonia, hydrogen sulfide or chlorine.
Packaging should not be opened until the capacitors are required for use. If opened, the pack should be
re-sealed as soon as is practicable. Taped product should be stored out of direct sunlight, which might
promote deterioration in tape or adhesion performance. The capacitors should be used within 6 months and
checked the solderability before use.
HANDLING
Chip capacitors are dense, hard, brittle, and abrasive materials. They are liable to suffer mechanical
damage, in the form of cracks or chips. Chip Capacitors should be handled with care to avoid contamination
or damage. To use vacuum or plastic tweezers to pick up or plastic tweezers is recommended for manual
placement. Tape and reeled packages are suitable for automatic pick and placement machine.
PREHEAT
In order to minimize the risk of thermal shock during soldering, a carefully controlled preheat is required.
The rate of preheat should not exceed 4℃ per second and the final preheat temperature should be within
100℃ of the soldering temperature for small chips such as 0603, 0805 and 1206, within 50℃ of the
soldering temperature for bigger chips such as 1210, 1808, 1812, 1825, 2220 and 2225, etc.
SOLDERING
Use middy activated rosin RA and RMA fluxes do not use activated flux. The amount of solder in each
solder joint should be controlled to prevent the damage of chip capacitors caused by the stress between
solder, chips, and substrate.
Hand soldering with temperature-controlled iron not exceeding 30 watts and diameter of tip less than 1.2
mm is recommended, tip of iron should not contact the ceramic body directly, and the temperature of iron
should be set to not more than 260℃.
For bigger chips such as 1210, 1808, 1812, 1825, 2220 and 2225, etc. wave soldering and hand
soldering are no recommended.
Recommended soldering profiles as following:
Soldering
Solder Temp.(T) Soldering Time (t)
Reflow
235 – 260 ℃
< 15 sec.
Wave
230 – 260 ℃
< 5 sec.
Chip Size
Δ
T
0603, 0805, 1206
100 ℃
1210, 1808, 1812, 1825, 2220, 2225
50 ℃
COOLING
After soldering, cool the chips and the substrate gradually to room temperature. Natural cooling in air is
recommended to minimize stress in the solder joint. A cooling rate not exceeding 4℃ per second should be
used when forced cooling is necessary.
CLEANING
All flux residues must be removed by using suitable electronic-grade vapor-cleaning solvents to
eliminate contamination that could cause electrolytic surface corrosion. Good results can be obtained by
using ultrasonic cleaning of the solvent. The choice of the proper system is depends upon many factors such
as component mix, flux, and solder paste and assembly method. The ability of the cleaning system to remove
flux residues and contamination from under the chips is very important.
preheat
soldering
cooling
Δ
T
60 sec.
t
120 sec.
100
200
(℃)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
APPLICATION NOTES
Rev.7


Số phần tương tự - ST2225CG223B201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
   LED Display Driver
logo
List of Unclassifed Man...
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

Mô tả tương tự - ST2225CG223B201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com