công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8038AR bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD8038AR
Giải thích chi tiết về linh kiện  Low Power 350 MHz Voltage Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8038AR bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD8038AR Datasheet HTML 1Page - Analog Devices AD8038AR Datasheet HTML 2Page - Analog Devices AD8038AR Datasheet HTML 3Page - Analog Devices AD8038AR Datasheet HTML 4Page - Analog Devices AD8038AR Datasheet HTML 5Page - Analog Devices AD8038AR Datasheet HTML 6Page - Analog Devices AD8038AR Datasheet HTML 7Page - Analog Devices AD8038AR Datasheet HTML 8Page - Analog Devices AD8038AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
AD8038/AD8039
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8038/AD8039 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . See Figure 2
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±4 V
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8038/AD8039
package is limited by the associated rise in junction temperature (TJ)
on the die. The plastic encapsulating the die will locally reach the
junction temperature. At approximately 150
°C, which is the glass
transition temperature, the plastic will change its properties. Even
temporarily exceeding this temperature limit may change the stresses
that the package exerts on the die, permanently shifting the parametric
performance of the AD8038/AD8039. Exceeding a junction tempera-
ture of 175
°C for an extended period of time can result in changes
in the silicon devices, potentially causing failure.
The still-air thermal properties of the package and PCB ( JA), ambient
temperature (TA), and total power dissipated in the package (PD)
determine the junction temperature of the die. The junction
temperature can be calculated as follows:
TT
P
AD
A
J
=+
×
()
θ
J
The power dissipated in the package (PD) is the sum of the quiescent
power dissipation and the power dissipated in the package due to the
load drive for all outputs. The quiescent power is the voltage between
the supply pins (VS) multiplied by the quiescent current (IS). Assuming
the load (RL) is referenced to midsupply, then the total drive power is
VS / 2
× IOUT, some of which is dissipated in the package and some
in the load (VOUT
× IOUT). The difference between the total drive
power and the load power is the drive power dissipated in the package.
PD = quiescent power + (total drive power – load power)
PV
I
V
V
R
V
R
DS
S
S
OUT
L
OUT
L
[]+ ()×()
[]
[]
//
/
2
2
AMBIENT TEMPERATURE – C
0
–55
1.0
–25
5
35
65
95
125
1.5
2.0
SOIC-8
0.5
SOT23-8
SC70-5
Figure 2. Maximum Power Dissipation vs.
Temperature for a Four-Layer Board
RMS output voltages should be considered. If RL is referenced to
VS–, as in single-supply operation, then the total drive power is
VS
IOUT.
If the RMS signal levels are indeterminate, then consider the
worst case, when VOUT = VS / 4 for RL to midsupply:
PV
I
V
R
DS
S
S
L
()+()
//
4
2
In single-supply operation with RL referenced to VS–, worst case is
VOUT = VS / 2.
Airflow will increase heat dissipation effectively reducing JA. Also,
more metal directly in contact with the package leads from metal traces,
through holes, ground, and power planes, will reduce the JA. Care
must be taken to minimize parasitic capacitances at the input leads
of high speed op amps as discussed in the board layout section.
Figure 2 shows the maximum safe power dissipation in the package
versus the ambient temperature for the SOIC-8 (125
°C/W), SC70-5
(210
°C/W), and SOT23-8 (160°C/W) package on a JEDEC standard
four-layer board. JA values are approximations.
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current from
the AD8038/AD8039 will likely cause a catastrophic failure.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
Branding Information
AD8038AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8038AR-REEL
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8038AR-REEL7
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8038AKS-REEL
–40
°C to +85°C
5-Lead SC70
KS-5
HUA
AD8038AKS-REEL7
–40
°C to +85°C
5-Lead SC70
KS-5
HUA
AD8039AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8039AR-REEL
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8039AR-REEL7
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8039ART-REEL
*
–40
°C to +85°C
8-Lead SOT23
RT-8
HYA
AD8039ART-REEL7
*
–40
°C to +85°C
8-Lead SOT23
RT-8
HYA
*Under development.


Số phần tương tự - AD8038AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8038AR AD-AD8038AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR AD-AD8038AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038AR-REEL7 AD-AD8038AR-REEL7 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
More results

Mô tả tương tự - AD8038AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com