công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8039 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD8039
Giải thích chi tiết về linh kiện  Low Power 350 MHz Voltage Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8039 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD8039 Datasheet HTML 4Page - Analog Devices AD8039 Datasheet HTML 5Page - Analog Devices AD8039 Datasheet HTML 6Page - Analog Devices AD8039 Datasheet HTML 7Page - Analog Devices AD8039 Datasheet HTML 8Page - Analog Devices AD8039 Datasheet HTML 9Page - Analog Devices AD8039 Datasheet HTML 10Page - Analog Devices AD8039 Datasheet HTML 11Page - Analog Devices AD8039 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
–10–
AD8038/AD8039
The AD9203 works best when the common-mode voltage at the
input is at the midsupply or 2.5 V. The output stage design of
the AD8039 makes it ideal for driving these types of ADCs.
In this circuit, one of the op amps is configured in the inverting
mode, while the other is in the noninverting mode. However, to
provide better bandwidth matching, each op amp is configured
for a noise gain of +2. The inverting op amp is configured for a
gain of –1, while the noninverting op amp is configured for a
gain of +2. Each has a very similar ac response. The input signal
to the noninverting op amp is divided by 2 to normalize its
voltage level and make it equal to the inverting output.
The outputs of the op amps are centered at 2.5 V, which is the
midsupply level of the ADC. This is accomplished by first taking
the 2.5 V reference output of the ADC and dividing it by 2 with a
pair of 1 k
Ω resistors. The resulting 1.25 V is applied to each op
amp’s positive input. This voltage is then multiplied by the gain of
the op amps to provide a 2.5 V level at each output.
Low Power Active Video Filter
Some composite video signals derived from a digital source
contain clock feedthrough that can limit picture quality. Active
filters made from op amps can be used in this application, but
they will consume 25 mW to 30 mW for each channel. In
power-sensitive applications, this can be too much, requiring the
use of passive filters that can create impedance matching prob-
lems when driving any significant load.
The AD8038 can be used to make an effective low-pass active
filter that consumes one-fifth of the power consumed by an
active filter made from an op amp. Figure 4 shows a circuit that
uses an AD8038 to create a single
±2.5 V supply, three-pole
Sallen-Key filter. This circuit uses a single RC pole in front
of a standard two-pole active section.
0.1 F
+2.5V
10 F
–2.5V
0.1 F
10 F
C3
33pF
R3
49.9k
RF
1k
680pF
R5
49.9k
R2
499k
C1
100pF
R1
200k
R4
49.9k
AD8038
VIN
VOUT
Figure 4. Low-Pass Filter for Video
Figure 5 shows the frequency response of this filter. The response
is down 3 dB at 6 MHz, so it passes the video band with little
attenuation. The rejection at 27 MHz is 45 dB, which provides
more than a factor of 100 in suppression of the clock components
at this frequency.
FREQUENCY – MHz
0.1
110
100
–10
10
0
–20
–30
–40
–50
–60
Figure 5. Video Filter Response


Số phần tương tự - AD8039

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8039 AD-AD8039 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results

Mô tả tương tự - AD8039

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com