công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8039 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD8039
Giải thích chi tiết về linh kiện  Low Power 350 MHz Voltage Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8039 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD8039 Datasheet HTML 4Page - Analog Devices AD8039 Datasheet HTML 5Page - Analog Devices AD8039 Datasheet HTML 6Page - Analog Devices AD8039 Datasheet HTML 7Page - Analog Devices AD8039 Datasheet HTML 8Page - Analog Devices AD8039 Datasheet HTML 9Page - Analog Devices AD8039 Datasheet HTML 10Page - Analog Devices AD8039 Datasheet HTML 11Page - Analog Devices AD8039 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
AD8038/AD8039
–9–
FREQUENCY – MHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1000
1.0
10
100
TPC 37. AD8038 Input-Output Isolation (G = +2,
RL = 2 k
Ω, VS = ±5V
LAYOUT, GROUNDING, AND BYPASSING
CONSIDERATIONS
Disable
The AD8038 in the SOIC-8 package provides a disable feature.
This feature disables the input from the output (see TPC 37 for
input-output isolation) and reduces the quiescent current from
typically 1 mA to 0.2 mA. When the
DISABLE node is pulled
below 4.5 V from the positive supply rail, the part becomes
disabled. In order to enable the part, the
DISABLE node needs
to be pulled up to above 2.5 V below the positive rail.
Power Supply Bypassing
Power supply pins are actually inputs, and care must be taken
so that a noise-free stable dc voltage is applied. The purpose
of bypass capacitors is to create low impedances from the sup-
ply to ground at all frequencies, thereby shunting or filtering a
majority of the noise.
Decoupling schemes are designed to minimize the bypassing
impedance at all frequencies with a parallel combination of
capacitors. 0.01
µF or 0.001 µF (X7R or NPO) chip capacitors
are critical and should be as close as possible to the amplifier
package. Larger chip capacitors, such as the 0.1
µF capacitor,
can be shared among a few closely spaced active components in
the same signal path. A 10
µF tantalum capacitor is less critical
for high frequency bypassing and, in most cases, only one per
board is needed at the supply inputs.
Grounding
A ground plane layer is important in densely packed PC boards
to spread the current minimizing parasitic inductances.
However, an understanding of where the current flows in a circuit
is critical to implementing effective high speed circuit design.
The length of the current path is directly proportional to the
magnitude of parasitic inductances, and thus the high frequency
impedance of the path. High speed currents in an inductive
ground return will create an unwanted voltage noise.
The length of the high frequency bypass capacitor leads are most
critical. A parasitic inductance in the bypass grounding will
work against the low impedance created by the bypass capacitor.
Place the ground leads of the bypass capacitors at the same
physical location. Because load currents flow from the supplies
as well, the ground for the load impedance should be at the
same physical location as the bypass capacitor grounds. For the
larger value capacitors, which are intended to be effective at
lower frequencies, the current return path distance is less critical.
Input Capacitance
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground. A
few pF of capacitance will reduce the input impedance at high
frequencies, in turn increasing the amplifiers’ gain, causing peaking
of the frequency response, or even oscillations if severe enough.
It is recommended that the external passive components that
are connected to the input pins be placed as close as possible to
the inputs to avoid parasitic capacitance. The ground and power
planes must be kept at a distance of at least 0.05 mm from the
input pins on all layers of the board.
Output Capacitance
To a lesser extent, parasitic capacitances on the output can cause
peaking of the frequency response. There are two methods to
minimize this effect.
1. Put a small value resistor in series with the output to isolate
the load capacitor from the amp’s output stage; see TPCs 7,
8, 22, and 23.
2. Increase the phase margin with higher noise gains or add a pole
with a parallel resistor and capacitor from –IN to the output.
Input-to-Output Coupling
The input and output signal traces should not be parallel to
minimize capacitive coupling between the inputs and outputs,
avoiding any positive feedback.
APPLICATIONS
Low Power ADC Driver
8
1
0.1 F10 F
+5V
0.1 F
10 F
7
0.1 F
10 F
–5V
3
2
6
5
4
AD8039
1k
1k
1k
1k
VINA
VINB
REF
50
50
AD9203
1k
1k
1k
1k
VIN
0V
3V
2.5V
Figure 3. Schematic to Drive AD9203 with the AD8039
Differential A/D Driver
The AD9203 is a low power (125 mW on a 5 V supply) 40 MSPS
10-bit converter. This represents a breakthrough in power/speed
for ADCs. As such, the low power, high performance AD8039
is an appropriate choice of amplifier to drive it.
In low supply voltage applications, differential analog inputs are
needed to increase the dynamic range of the ADC inputs.
Differential driving can also reduce second and other even-order
distortion products. The AD8039 can be used to make a
dc-coupled, single-ended-to-differential driver for one of these
ADCs. Figure 3 is a schematic of such a circuit for driving an
AD9203, a 10-bit, 40 MSPS ADC.


Số phần tương tự - AD8039

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8039 AD-AD8039 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results

Mô tả tương tự - AD8039

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com