công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8009AR bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8009AR
Giải thích chi tiết về linh kiện  1 GHz, 5,500 V/us Low Distortion Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8009AR bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8009AR Datasheet HTML 1Page - Analog Devices AD8009AR Datasheet HTML 2Page - Analog Devices AD8009AR Datasheet HTML 3Page - Analog Devices AD8009AR Datasheet HTML 4Page - Analog Devices AD8009AR Datasheet HTML 5Page - Analog Devices AD8009AR Datasheet HTML 6Page - Analog Devices AD8009AR Datasheet HTML 7Page - Analog Devices AD8009AR Datasheet HTML 8Page - Analog Devices AD8009AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8009
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
1 GHz, 5,500 V/ s
Low Distortion Amplifier
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic SOIC (SO-8)
5-Lead SOT-23 (RT-5)
PRODUCT DESCRIPTION
The AD8009 is an ultrahigh speed current feedback amplifier
with a phenomenal 5,500 V/
µs slew rate that results in a rise
time of 545 ps, making it ideal as a pulse amplifier.
The high slew rate reduces the effect of slew rate limiting and
results in the large signal bandwidth of 440 MHz required for
high resolution video graphic systems. Signal quality is main-
tained over a wide bandwidth with worst case distortion of
–40 dBc @ 250 MHz (G = +10, 1 V p-p). For applications
with multitone signals such as IF signal chains, the third order
Intercept (3IP) of 12 dBm is achieved at the same frequency.
This distortion performance coupled with the current feedback
architecture make the AD8009 a flexible component for a gain
stage amplifier in IF/RF signal chains.
The AD8009 is capable of delivering over 175 mA of load
current and will drive four back terminated video loads while
maintaining low differential gain and phase error of 0.02% and
0.04
° respectively. The high drive capability is also reflected in
the ability to deliver 10 dBm of output power @ 70 MHz with
–38 dBc SFDR.
The AD8009 is available in a small SOIC package and will
operate over the industrial temperature range –40
°C to +85°C.
–30
–80
–40
–50
–60
–70
–100
–90
2ND,
150
LOAD
2ND,
100
LOAD
3RD,
150
LOAD
3RD,
100
LOAD
G = 2
RF = 301
VO = 2V p-p
FREQUENCY RESPONSE – MHz
1
200
10
100
Figure 2. Distortion vs. Frequency; G = +2
FEATURES
Ultrahigh Speed
5,500 V/ s Slew Rate, 4 V Step, G = +2
545 ps Rise Time, 2 V Step, G = +2
Large Signal Bandwidth
440 MHz, G = +2
320 MHz, G = +10
Small Signal Bandwidth (–3 dB)
1 GHz, G = +1
700 MHz, G = +2
Settling Time 10 ns to 0.1%, 2 V Step, G = +2
Low Distortion Over Wide Bandwidth
SFDR
–44 dBc @ 150 MHz, G = +2, VO = 2 V p-p
–41 dBc @ 150 MHz, G = +10, VO = 2 V p-p
3rd Order Intercept (3IP)
26 dBm @ 70 MHz, G = +10
18 dBm @ 150 MHz, G = +10
Good Video Specifications
Gain Flatness 0.1 dB to 75 MHz
0.01% Differential Gain Error, RL = 150
0.01 Differential Phase Error, RL = 150
High Output Drive
175 mA Output Load Drive
10 dBm with –38 dBc SFDR @ 70 MHz, G = +10
Supply Operation
5 V Voltage Supply
14 mA (Typ) Supply Current
APPLICATIONS
Pulse Amplifier
IF/RF Gain Stage/Amplifiers
High Resolution Video Graphics
High Speed Instrumentations
CCD Imaging Amplifier
FREQUENCY RESPONSE – MHz
1
2
1
–8
0
–1
–2
–3
–4
–5
–6
–7
1000
10
100
G = +2
RF = 301
RL = 150
G = +10
RF = 200
RL = 100
VO = 2Vp–p
Figure 1. Large Signal Frequency Response; G = +2 & +10
1
VOUT
AD8009
–VS
+IN
2
34
5 +VS
–IN
1
2
3
4
8
7
6
5
NC = NO CONNECT
AD8009
NC
–IN
+IN
–VS
NC
OUT
+VS
NC


Số phần tương tự - AD8009AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL7 AD-AD8009AR-REEL7 Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009ARZ AD-AD8009ARZ Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009ARZ-REEL AD-AD8009ARZ-REEL Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
More results

Mô tả tương tự - AD8009AR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8009 AD-AD8009_04 Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com