công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8002AN bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD8002AN
Giải thích chi tiết về linh kiện  Dual 600 MHz, 50 mW Current Feedback Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8002AN bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD8002AN Datasheet HTML 7Page - Analog Devices AD8002AN Datasheet HTML 8Page - Analog Devices AD8002AN Datasheet HTML 9Page - Analog Devices AD8002AN Datasheet HTML 10Page - Analog Devices AD8002AN Datasheet HTML 11Page - Analog Devices AD8002AN Datasheet HTML 12Page - Analog Devices AD8002AN Datasheet HTML 13Page - Analog Devices AD8002AN Datasheet HTML 14Page - Analog Devices AD8002AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
REV. C
AD8002
–11–
Driving Capacitive Loads
The AD8002 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
frequency response is obtained by the addition of a small series
resistance as shown in Figure 42. The accompanying graph
909
RSERIES
RL
500
IN
CL
Figure 42. Driving Capacitive Loads
shows the optimum value for RSERIES vs. capacitive load. It is
worth noting that the frequency response of the circuit when
driving large capacitive loads will be dominated by the passive
roll-off of RSERIES and CL.
40
0
025
30
10
5
20
15
20
10
CL – pF
Figure 43. Recommended RSERIES vs. Capacitive Load
Communications
Distortion is a key specification in communications applications.
Intermodulation distortion (IMD) is a measure of the ability of
an amplifier to pass complex signals without the generation of
spurious harmonics. The third order products are usually the
most problematic since several of them fall near the fundamen-
tals and do not lend themselves to filtering. Theory predicts that
the third order harmonic distortion components increase in
power at three times the rate of the fundamental tones. The
specification of third order intercept as the virtual point where
fundamental and harmonic power are equal is one standard
measure of distortion performance. Op amps used in closed-
loop applications do not always obey this simple theory. At a
gain of two, the AD8002 has performance summarized in Fig-
ure 44. Here the worst third order products are plotted vs. input
power. The third order intercept of the AD8002 is +33 dBm at
10 MHz.
–80
3
–7
–75
2
1
0
–4
–5
6
–2
–70
–65
–60
–55
–50
–45
–1
INPUT POWER – dBm
–6
–8
4
5
–3
2F2 – F1
2F1 – F2
G = +2
F1 = 10MHz
F2 = 12MHz
Figure 44. Third Order IMD; F1 = 10 MHz, F2 = 12 MHz
Operation as a Video Line Driver
The AD8002 has been designed to offer outstanding perfor-
mance as a video line driver. The important specifications of
differential gain (0.01%) and differential phase (0.02
°) meet the
most exacting HDTV demands for driving one video load with
each amplifier. The AD8002 also drives four back terminated
loads (two each), as shown in Figure 45, with equally impressive
performance (0.01%, 0.07
°). Another important consideration
is isolation between loads in a multiple load application. The
AD8002 has more than 40 dB of isolation at 5 MHz when driv-
ing two 75
Ω back terminated loads.
750
750
75
CABLE
75
75
VOUT #1
VOUT #2
+VS
–VS
VIN
0.1 F
4.7 F
1/2
AD8002
0.1 F
4.7 F
75
CABLE
75
75
75
CABLE
75
75
VOUT #3
VOUT #4
75
CABLE
75
75
1/2
AD8002
750
750
75
CABLE
75
+
Figure 45. Video Line Driver


Số phần tương tự - AD8002AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8002AN AD-AD8002AN Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AN AD-AD8002AN Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AN AD-AD8002AN Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Mô tả tương tự - AD8002AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com