công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888ARU bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7888ARU
Giải thích chi tiết về linh kiện  2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888ARU bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7888ARU Datasheet HTML 6Page - Analog Devices AD7888ARU Datasheet HTML 7Page - Analog Devices AD7888ARU Datasheet HTML 8Page - Analog Devices AD7888ARU Datasheet HTML 9Page - Analog Devices AD7888ARU Datasheet HTML 10Page - Analog Devices AD7888ARU Datasheet HTML 11Page - Analog Devices AD7888ARU Datasheet HTML 12Page - Analog Devices AD7888ARU Datasheet HTML 13Page - Analog Devices AD7888ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD7888
–10–
order to obtain optimum performance from the device it is
advised to disable the internal reference by setting the REF bit
in the Control Register when an external reference is applied.
When the internal reference is disabled, SW1 in Figure 11 will
open and the input impedance seen at the REF IN/REF OUT
pin is the input impedance of the reference buffer, which is in
the region of giga
Ω. When the reference is enabled, the input
impedance seen at the pin is typically 5 k
Ω.
SW1
5k
2.5V
REF IN/REF OUT
Figure 11. On-Chip Reference Circuitry
Table III. Power Management Options
PM1
PM0
Mode
00
Normal Operation. In this mode, the AD7888
remains in full power mode regardless of the
status of any of the logic inputs. This mode
allows the fastest possible throughput rate from
the AD7888.
01
Full Shutdown. In this mode, the AD7888 is
in full shutdown mode with all circuitry on the
AD7888, including the on-chip reference, enter-
ing its power-down mode. The AD7888 retains
the information in the control Register bits
while in full shutdown. The part remains in full
shutdown until these bits are changed.
10
Autoshutdown. In this mode, the AD7888
automatically enters full shutdown mode at the
end of each conversion. Wake-up time from full
shutdown is 5
µs and the user should ensure that
5
µs have elapsed before attempting to perform
a valid conversion on the part in this mode.
11
Autostandby. In this standby mode, portions
of the AD7888 are powered down but the on-
chip reference voltage remains powered up. The
REF bit should be 0 to ensure the on-chip refer-
ence is enabled. This mode is similar to auto-
shutdown but allows the part to power-up
much faster.
POWER-DOWN OPTIONS
The AD7888 provides flexible power management to allow the
user to achieve the best power performance for a given through-
put rate.
The power management options are selected by programming
the power management bits (i.e., PM1 and PM0) in the control
register. Table III summarizes the options available. When the
power management bits are programmed for either of the auto
power-down modes, the part will enter the power-down mode
on the 16th rising SCLK edge after the falling edge of
CS. The
first falling SCLK edge after the
CS falling edge will cause the
part to power up again. When the AD7888 is in full shutdown,
the only way to fully power it up again is to reprogram the
power management bits to PM1 = PM0 = 0, i.e., normal
mode. In this case the device will power up on the 16th SCLK
rising edge after the
CS falling edge as this is when the power
management bits become effective.
Power-Up Times
The AD7888 has an approximate 1
µs power-up time when
powering up from standby or when using an external reference.
When VDD is first connected, the AD7888 will fully power up,
i.e., it powers up in normal mode. If the part is put into shut-
down, a subsequent power-up will take approximately 5
µs. The
AD7888 wake-up time is very short in the autostandby mode so
it is possible to wake up the part and carry out a valid conver-
sion in the same read/write operation.
POWER vs. THROUGHPUT RATE
By operating the AD7888 in autoshutdown or autostandby
mode the average power consumption of the AD7888 decreases
at lower throughput rates. Figure 12 shows how as the through-
put rate is reduced, the device remains in its power-down state
longer and the average power consumption over time drops
accordingly.
For example, if the AD7888 were operated in a continuous
sampling mode, with a throughput rate of 10 kSPS and a SCLK
of 2 MHz (VDD = 5 V), and if PM1 = 1 and PM0 = 0, i.e., the
device is in autoshutdown mode and the on-chip reference is
used, the power consumption is calculated as follows. The
power dissipation during normal operation is 3.5 mW (VDD =
5 V). If the power-up time is 5
µs and the remaining conversion-
plus-acquisition time is 15.5 tSCLK, i.e., approximately 7.75
µs,
(see Figure 14a), the AD7888 can be said to dissipate 3.5 mW
for 12.75
µs during each conversion cycle. If the throughput rate
is 10 kSPS, the cycle time is 100
µs and the average power dissi-
pated during each cycle is (12.75/100)
× (3.5 mW) = 446.25 µW.
If VDD = 3 V SCLK = 2 MHz, and the device is again in auto-
shutdown mode using the on-chip reference, the power dissipa-
tion during normal operation is 2.1 mW. The AD7888 can now
be said to dissipate 2.1 mW for 12.75
µs during each conversion
cycle. With a throughput rate of 10 kSPS, the average power
dissipated during each cycle is (12.75/100)
× (2.1 mW) =
267.75
µW. Figure 12 shows the power vs. throughput rate for
automatic shutdown with both 5 V and 3 V supplies.
THROUGHPUT – kSPS
10
0
1
10
0.1
0.01
VDD = 5V
SCLK = 2MHz
VDD = 3V
SCLK = 2MHz
20
30
40
50
Figure 12. Power vs. Throughput


Số phần tương tự - AD7888ARU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARU AD-AD7888ARU Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU AD-AD7888ARU Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU AD-AD7888ARU Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7888ARU-REEL AD-AD7888ARU-REEL Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU-REEL AD-AD7888ARU-REEL Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
More results

Mô tả tương tự - AD7888ARU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com