công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7887 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7887
Giải thích chi tiết về linh kiện  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7887 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7887 Datasheet HTML 1Page - Analog Devices AD7887 Datasheet HTML 2Page - Analog Devices AD7887 Datasheet HTML 3Page - Analog Devices AD7887 Datasheet HTML 4Page - Analog Devices AD7887 Datasheet HTML 5Page - Analog Devices AD7887 Datasheet HTML 6Page - Analog Devices AD7887 Datasheet HTML 7Page - Analog Devices AD7887 Datasheet HTML 8Page - Analog Devices AD7887 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD7887
–5–
PIN FUNCTION DESCRIPTIONS
Pin
Pin
No.
Mnemonic
Function
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7887 and also frames the serial data transfer. When the AD7887 operates in its default mode, the CS pin
also acts as the shutdown pin such that with the CS pin high, the AD7887 is in its power-down mode.
2VDD
Power Supply Input. The VDD range for the AD7887 is from +2.7 V to +5.25 V. When the AD7887 is con-
figured for two-channel operation, this pin also provides the reference source for the part.
3
GND
Ground Pin. This pin is the ground reference point for all circuitry on the AD7887. In systems with separate
AGND and DGND planes, these planes should be tied together as close as possible to this GND pin. Where
this is not possible, this GND pin should connect to the AGND plane.
4
AIN1/VREF
Analog Input 1/Voltage Reference Input. In single-channel mode, this pin becomes the reference input/
output. In this case, the user can either access the internal +2.5 V reference or overdrive the internal refer-
ence with the voltage applied to this pin. The reference voltage range for an externally-applied reference is
+1.2 V to VDD. In two-channel mode, this pin provides the second analog input channel AIN1. The input
voltage range on AIN1 is 0 to VDD.
5
AIN0
Analog Input 0. In single-channel mode, this is the analog input and the input voltage range is 0 to VREF. In
dual-channel mode, it has an analog input range of 0 to VDD.
6
DIN
Data In. Logic Input. Data to be written to the AD7887’s Control Register is provided on this input and is
clocked into the register on the rising edge of SCLK (see Control Register section). The AD7887 can be
operated as a single-channel read-only ADC by tying the DIN line permanently to GND.
7
DOUT
Data Out. Logic Output. The conversion result from the AD7887 is provided on this output as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input. The data stream consists of four
leading zeros followed by the 12 bits of conversion data, which is provided MSB first.
8
SCLK
Serial Clock. Logic Input. SCLK provides the serial clock for accessing data from the part and writing serial
data to the Control Register. This clock input is also used as the clock source for the AD7887’s conversion
process.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
CS
SCLK
AD7887
VDD
GND
AIN1/VREF
DOUT
DIN
AIN0


Số phần tương tự - AD7887

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887 AD-AD7887 Datasheet
247Kb / 5P
   Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD7887 AD-AD7887 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887AR AD-AD7887AR Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR AD-AD7887AR Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887AR-REEL AD-AD7887AR-REEL Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
More results

Mô tả tương tự - AD7887

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com