công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7817BRU-REEL bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7817BRU-REEL
Giải thích chi tiết về linh kiện  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7817BRU-REEL bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7817BRU-REEL Datasheet HTML 7Page - Analog Devices AD7817BRU-REEL Datasheet HTML 8Page - Analog Devices AD7817BRU-REEL Datasheet HTML 9Page - Analog Devices AD7817BRU-REEL Datasheet HTML 10Page - Analog Devices AD7817BRU-REEL Datasheet HTML 11Page - Analog Devices AD7817BRU-REEL Datasheet HTML 12Page - Analog Devices AD7817BRU-REEL Datasheet HTML 13Page - Analog Devices AD7817BRU-REEL Datasheet HTML 14Page - Analog Devices AD7817BRU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. C
AD7816/AD7817/AD7818
–11–
MSB
LSB
0000
000
1
MINIMUM TEMPERATURE = –95 C
11111111
MAXIMUM TEMPERATURE = +152 C
OVERTEMPERATURE REGISTER (DEC) = TALARM + 103 C
TALARM RESOLUTION = 1 / LSB
OVERTEMPERATURE REGISTER
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Figure 5. The Overtemperature Register (OTR)
CIRCUIT INFORMATION
The AD7817 and AD7818 are single- and four-channel, 9
µs
conversion time, 10-bit A/D converters with on-chip tempera-
ture sensor, reference, and serial interface logic functions on a
single chip. The AD7816 has no analog input channel and is
intended for temperature measurement only. The A/D converter
section consists of a conventional successive-approximation
converter based around a capacitor DAC. The AD7816,
AD7817, and AD7818 are capable of running on a 2.7 V to
5.5 V power supply and the AD7817 and AD7818 accept an
analog input range of 0 V to +VREF. The on-chip temperature
sensor allows an accurate measurement of the ambient device
temperature to be made. The working measurement range of
the temperature sensor is –55
°C to +125°C. The part requires a
2.5 V reference, which can be provided from the part’s own
internal reference or from an external reference source. The
on-chip reference is selected by connecting the REFIN pin to
analog ground.
CONVERTER DETAILS
Conversion is initiated by pulsing the
CONVST input. The
conversion clock for the part is internally generated so no exter-
nal clock is required except when reading from and writing to
the serial port. The on-chip track/hold goes from track-to-hold
mode and the conversion sequence is started on the falling edge
of the
CONVST signal. At this point the BUSY signal goes high
and low again 9
µs or 27 µs later (depending on whether an
analog input or the temperature sensor is selected) to indicate
the end of the conversion process. This signal can be used by a
microcontroller to determine when the result of the conversion
should be read. The track/hold acquisition time of the AD7817
and AD7818 is 400 ns.
A temperature measurement is made by selecting the Channel 0
of the on-chip MUX and carrying out a conversion on this
channel. A conversion on Channel 0 takes 27
µs to complete.
Temperature measurement is explained in the Temperature
Measurement section of this data sheet.
The on-chip reference is not available to the user, but REFIN
can be overdriven by an external reference source (2.5 V only).
The effect of reference tolerances on temperature measurements
is discussed in the section titled Temperature Measurement
Error Due to Reference Error.
All unused analog inputs should be tied to a voltage within the
nominal analog input range to avoid noise pickup. For mini-
mum power consumption, the unused analog inputs should be
tied to AGND.
TYPICAL CONNECTION DIAGRAM
Figure 6 shows a typical connection diagram for the AD7817.
The AGND and DGND are connected together at the device
for good noise suppression. The BUSY line is used to interrupt
the microcontroller at the end of the conversion process and the
serial interface is implemented using three wires—see Serial
Interface section for more details. An external 2.5 V reference
can be connected at the REFIN pin. If an external reference is
used, a 10
µF capacitor should be connected between REFIN
and AGND. For applications where power consumption is of
concern, the automatic power-down at the end of a conversion
should be used to improve power performance. See Power vs.
Throughput section of this data sheet.
VDD
AIN1
CONVST
AGND
DGND
REFIN
SUPPLY
2.7V TO
5.5V
0.1 F
10 F
10 F
EXTERNAL
REFERENCE
OPTIONAL
EXTERNAL
REFERENCE
AD780/
REF-192
0V TO 2.5V
INPUT
D
OUT
RD/
WR
AIN2
AIN3
AIN4
D
IN
BUSY
OTI
C/ P
SCLK
3-WIRE
SERIAL
INTERFACE
CS
AD7817
Figure 6. Typical Connection Diagram
ANALOG INPUTS
Analog Input
Figure 7 shows an equivalent circuit of the analog input struc-
ture of the AD7817 and AD7818. The two diodes D1 and D2
provide ESD protection for the analog inputs. Care must be
taken to ensure that the analog input signal never exceeds the
supply rails by more than 200 mV. This will cause these diodes
to become forward biased and start conducting current into the
substrate. The maximum current these diodes can conduct
without causing irreversible damage to the part is 20 mA. The
capacitor C2 in Figure 7 is typically about 4 pF and can mostly
be attributed to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance of a multiplexer and a
switch. This resistor is typically about 1 k
Ω. The capacitor C1 is
the ADC sampling capacitor and has a capacitance of 3 pF.


Số phần tương tự - AD7817BRU-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7817BRU-REEL7 AD-AD7817BRU-REEL7 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
More results

Mô tả tương tự - AD7817BRU-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7997 AD-AD7997 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com