công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7825BRU bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7825BRU
Giải thích chi tiết về linh kiện  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7825BRU bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7825BRU Datasheet HTML 1Page - Analog Devices AD7825BRU Datasheet HTML 2Page - Analog Devices AD7825BRU Datasheet HTML 3Page - Analog Devices AD7825BRU Datasheet HTML 4Page - Analog Devices AD7825BRU Datasheet HTML 5Page - Analog Devices AD7825BRU Datasheet HTML 6Page - Analog Devices AD7825BRU Datasheet HTML 7Page - Analog Devices AD7825BRU Datasheet HTML 8Page - Analog Devices AD7825BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7822/AD7825/AD7829
–5–
REV. B
PIN FUNCTION DESCRIPTIONS
Mnemonic
Description
VIN1 to VIN8
Analog Input Channels. The AD7822 has a single input channel; the AD7825 and AD7829 have four and eight
analog input channels respectively. The inputs have an input span of 2.5 V and 2 V depending on the sup-
ply voltage (VDD). This span may be centered anywhere in the range AGND to VDD using the VMID Pin. The
default input range (VMID unconnected) is AGND to 2 V (VDD = 3 V
± 10%) or AGND to 2.5 V (VDD = 5 V
± 10%). See Analog Input section of the data sheet for more information.
VDD
Positive supply voltage, 3 V
± 10% and 5 V ± 10%.
AGND
Analog Ground. Ground reference for track/hold, comparators, reference circuit and multiplexer.
DGND
Digital Ground. Ground reference for digital circuitry.
CONVST
Logic Input Signal. The convert start signal initiates an 8-bit analog-to-digital conversion on the falling edge of
this signal. The falling edge of this signal places the track/hold in hold mode. The track/hold goes into track
mode again 120 ns after the start of a conversion. The state of the CONVST signal is checked at the end of
a conversion. If it is logic low, the AD7822/AD7825/AD7829 will power down. (See Operating Modes section
of the data sheet.)
EOC
Logic Output. The End of Conversion signal indicates when a conversion has finished. The signal can be used
to interrupt a microcontroller when a conversion has finished or latch data into a gate array. (See Parallel Inter-
face section of this data sheet.)
CS
Logic input signal. The chip select signal is used to enable the parallel port of the AD7822, AD7825, and AD7829.
This is necessary if the ADC is sharing a common data bus with another device.
PD
Logic Input. The Power-Down pin is present on the AD7822 and AD7825 only. Bringing the PD pin low
places the AD7822 and AD7825 in Power-Down mode. The ADCs will power up when PD is brought logic
high again.
RD
Logic Input Signal. The read signal is used to take the output buffers out of their high impedance state and
drive data onto the data bus. The signal is internally gated with the CS signal. Both RD and CS must be logic
low to enable the data bus.
A0–A2
Channel Address Inputs. The address of the next multiplexer channel must be present on these inputs when the
RD signal goes low.
DB0–DB7
Data Output Lines. They are normally held in a high impedance state. Data is driven onto the data bus when
both RD and CS go active low.
VREF IN/OUT
Analog Input and Output. An external reference can be connected to the AD7822, AD7825, and AD7829 at this
pin. The on-chip reference is also available at this pin. When using the internal reference, this pin can be
left unconnected or, in some cases, it can be decoupled to AGND with a 0.1 F capacitor.
PIN CONFIGURATIONS
DIP/SOIC/TSSOP
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7822
NC = NO CONNECT
DB2
DB6
DB5
DB4
DB3
DB1
DB0
CONVST
VDD
AGND
DB7
CS
RD
DGND
EOC
PD
NC
VIN1
VMID
VREF IN/OUT
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
AD7825
DB2
DB6
DB5
DB4
DB3
DB1
DB0
CONVST
VDD
AGND
DB7
CS
RD
DGND
EOC
A1
A0
VIN1
VMID
VREF IN/OUT
PD
VIN4
VIN2
VIN3
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD7829
DB2
DB6
DB5
DB4
DB3
DB1
DB0
CONVST
VDD
AGND
DB7
CS
RD
DGND
EOC
A2
A1
VIN1
VMID
VREF IN/OUT
A0
VIN8
VIN7
VIN6
VIN2
VIN5
VIN4
VIN3


Số phần tương tự - AD7825BRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825BRU AD-AD7825BRU Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BRU-REEL AD-AD7825BRU-REEL Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BRU-REEL7 AD-AD7825BRU-REEL7 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BRUZ-REEL1 AD-AD7825BRUZ-REEL1 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BRUZ-REEL71 AD-AD7825BRUZ-REEL71 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Mô tả tương tự - AD7825BRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com