công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7825BN bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7825BN
Giải thích chi tiết về linh kiện  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7825BN bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7825BN Datasheet HTML 7Page - Analog Devices AD7825BN Datasheet HTML 8Page - Analog Devices AD7825BN Datasheet HTML 9Page - Analog Devices AD7825BN Datasheet HTML 10Page - Analog Devices AD7825BN Datasheet HTML 11Page - Analog Devices AD7825BN Datasheet HTML 12Page - Analog Devices AD7825BN Datasheet HTML 13Page - Analog Devices AD7825BN Datasheet HTML 14Page - Analog Devices AD7825BN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7822/AD7825/AD7829
–11–
REV. B
Figure 16 shows how to power up the AD7822 or AD7825 when
VDD is first connected or after the ADCs have been powered
down using the PD pin, or the CONVST pin, with either the
on-chip or an external reference. When the supplies are first
connected or after the part has been powered down by the PD
pin, only a rising edge on the PD pin will cause the part to
power up. When the part has been powered down using the
CONVST pin, a rising edge on either the PD pin or the CONVST
pin will power the part up again.
As with the AD7829, when using an external reference with the
AD7822 or AD7825, the falling edge of CONVST may occur
before the required power-up time has elapsed, however, if this
is the case, the conversion will not be initiated on the falling edge
of CONVST, but rather at the moment when the part has powered
up completely, i.e., after 1
µs. If the falling edge of CONVST
occurs after the required power-up time has elapsed, it is upon
this falling edge that a conversion is initiated. When using the
on-chip reference, it is necessary to wait the required power-
up time of approximately 25
µs before initiating a conversion;
i.e., a falling edge on CONVST may not occur before the
required power-up time has elapsed, when supplies are first
connected to the AD7822 or AD7825, or when the ADCs have
been powered down using the PD pin or the CONVST pin as
shown in Figure 16.
VDD
PD
CONVST
tPOWER-UP
1 s
tPOWER-UP
1 s
CONVERSION
INITIATED HERE
CONVERSION
INITIATED HERE
VDD
PD
CONVST
tPOWER-UP
25 s
tPOWER-UP
25 s
CONVERSION
INITIATED HERE
CONVERSION
INITIATED HERE
EXTERNAL REFERENCE
ON-CHIP REFERENCE
Figure 16. AD7822/AD7825 Power-Up Time
POWER VS. THROUGHPUT
Superior power performance can be achieved by using the auto-
matic power-down (Mode 2) at the end of a conversion—see
Operating Modes section of the data sheet.
Figure 17 shows how the automatic power-down is implemented
using the CONVST signal to achieve the optimum power per-
formance for the AD7822, AD7825, and AD7829. The duration
of the CONVST pulse is set to be equal to or less than the
power-up time of the devices—see Operating Modes section. As
the throughput rate is reduced, the device remains in its power-
down state longer and the average power consumption over time
drops accordingly.
tPOWER-UP
1 s
330ns
tCONVERT
POWER-DOWN
tCYCLE
10 s @ 100kSPS
CONVST
Figure 17. Automatic Power-Down
For example, if the AD7822 is operated in a continuous sam-
pling mode, with a throughput rate of 100 kSPS and using an
external reference, the power consumption is calculated as fol-
lows. The power dissipation during normal operation is 36 mW,
VDD = 3 V. If the power-up time is 1
µs and the conversion time
is 330 ns (@ +25
°C), the AD7822 can be said to dissipate
36 mW (maximum) for 1.33
µs during each conversion cycle.
If the throughput rate is 100 kSPS, the cycle time is 10
µs
and the average power dissipated during each cycle is (1.33/10)
× (36 mW) = 4.79 mW. This calculation uses the minimum
conversion time, thus giving the best case power dissipation
at this throughput rate. However, the actual power dissi-
pated during each conversion cycle could increase depending
on the actual conversion time (up to a maximum of 420 ns).
Figure 18 shows the power vs. throughput rate for automatic
full power-down.
THROUGHPUT – kSPS
100
10
0
0
500
100
1
200
300
400
0.1
50
150
250
350
450
Figure 18. AD7822/AD7825/AD7829 Power vs. Throughput
FREQUENCY – kHz
0
–10
–80
–40
–50
–60
–70
–20
–30
2048 POINT FFT
SAMPLING
2MSPS
fIN = 200kHz
Figure 19. AD7822/AD7825/AD7829 SNR


Số phần tương tự - AD7825BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825BN AD-AD7825BN Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BNZ1 AD-AD7825BNZ1 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Mô tả tương tự - AD7825BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com