công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7825BN bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD7825BN
Giải thích chi tiết về linh kiện  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7825BN bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD7825BN Datasheet HTML 4Page - Analog Devices AD7825BN Datasheet HTML 5Page - Analog Devices AD7825BN Datasheet HTML 6Page - Analog Devices AD7825BN Datasheet HTML 7Page - Analog Devices AD7825BN Datasheet HTML 8Page - Analog Devices AD7825BN Datasheet HTML 9Page - Analog Devices AD7825BN Datasheet HTML 10Page - Analog Devices AD7825BN Datasheet HTML 11Page - Analog Devices AD7825BN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7822/AD7825/AD7829
–8–
REV. B
ADC TRANSFER FUNCTION
The output coding of the AD7822, AD7825, and AD7829 is
straight binary. The designed code transitions occur at succes-
sive integer LSB values (i.e., 1 LSB, 2 LSBs, etc.). The LSB size
is = VREF/256 (VDD = 5 V) or the LSB size = (0.8 VREF)/256
(VDD = 3 V). The ideal transfer characteristic for the AD7822,
AD7825, and AD7829 is shown in Figure 6, below.
11111111
111...110
111...000
10000000
000...111
000...010
00000000
(VDD = 5V)
1LSB = VREF /256
(VDD = 3V)
1LSB = 0.8VREF /256
000...001
1LSB
VMID
(VDD = 5V) VMID – 1.25V
(VDD = 3V) VMID – 1V
VMID + 1.25V – 1LSB
VMID + 1V – 1LSB
ANALOG INPUT VOLTAGE
Figure 6. Transfer Characteristic
ANALOG INPUT
The AD7822 has a single input channel and the AD7825 and
AD7829 have four and eight input channels respectively. Each
input channel has an input span of 2.5 V or 2.0 V, depending on
the supply voltage (VDD). This input span is automatically set
up by an on-chip “VDD Detector” circuit. 5 V operation of the
ADCs is detected when VDD exceeds 4.1 V and 3 V operation is
detected when VDD falls below 3.8 V. This circuit also possesses
a degree of glitch rejection; for example, a glitch from 5.5 V to
2.7 V up to 60 ns wide will not trip the VDD detector.
The VMID pin is used to center this input span anywhere in the
range AGND to VDD. If no input voltage is applied to VMID, the
default input range is AGND to 2.0 V (VDD = 3 V
± 10%) i.e.,
centered about 1.0 V, or AGND to 2.5 V (VDD = 5 V
± 10%)
i.e., centered about 1.25 V. When using the default input range,
the VMID pin can be left unconnected or, in some cases, it can be
decoupled to AGND with a 0.1 F capacitor.
If, however, an external VMID is applied, the analog input range
will be from VMID – 1.0 V to VMID + 1.0 V (VDD = 3 V
± 10%),
or from VMID – 1.25 V to VMID + 1.25 V (VDD = 5 V
± 10%).
The range of values of VMID that can be applied depends on the
value of VDD. For VDD = 3 V
± 10%, the range of values that
can be applied to VMID is from 1.0 V to VDD – 1.0 V and is 1.25 V
to VDD – 1.25 V when VDD = 5 V
± 10%. Table I shows the rel-
evant ranges of VMID and the input span for various values of
VDD. Figure 7 illustrates the input signal range available with
various values of VMID.
Table I.
VMID
VMID Ext
VMID Ext
VDD
Internal
Max
VIN Span
Min
VIN Span
5.5
1.25
4.25
3.0 to 5.5
1.25
0 to 2.5
5.0
1.25
3.75
2.5 to 5.0
1.25
0 to 2.5
4.5
1.25
3.25
2.0 to 4.5
1.25
0 to 2.5
3.3
1.00
2.3
1.3 to 3.3
1.00
0 to 2.0
3.0
1.00
2.0
1.0 to 3.0
1.00
0 to 2.0
2.7
1.00
1.7
0.7 to 2.7
1.00
0 to 2.0
5V
4V
3V
2V
1V
VDD = 5V
INPUT SIGNAL RANGE
FOR VARIOUS VMID
VMID = N/C (1.25V)
VMID = 2.5V
VMID = 3.75V
3V
2V
1V
VDD = 3V
INPUT SIGNAL RANGE
FOR VARIOUS VMID
VMID = N/C (1V)
VMID = 1.5V
VMID = 2V
Figure 7. Analog Input Span Variation with VMID
VMID may be used to remove offsets in a system by applying the
offset to the VMID pin as shown in Figure 8, or it may be used to
accommodate bipolar signals by applying VMID to a level-shifting
circuit before VIN, as shown in Figure 9. When VMID is being
driven by an external source, the source may be directly tied to
the level-shifting circuitry (see Figure 9); however, if the internal
VMID, i.e., the default value, is being used as an output, it must
be buffered before applying it to the level-shifting circuitry, as
the VMID pin has an impedance of approximately 6 k
Ω (see
Figure 10).
VIN
VMID
AD7822/
AD7825/
AD7829
VMID
VIN
VMID
Figure 8. Removing Offsets Using VMID


Số phần tương tự - AD7825BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825BN AD-AD7825BN Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825BNZ1 AD-AD7825BNZ1 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Mô tả tương tự - AD7825BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com