công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD783JQ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD783JQ
Giải thích chi tiết về linh kiện  Complete Very High Speed Sample-and-Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD783JQ bảng dữ liệu(HTML) 6 Page - Analog Devices

  AD783JQ Datasheet HTML 1Page - Analog Devices AD783JQ Datasheet HTML 2Page - Analog Devices AD783JQ Datasheet HTML 3Page - Analog Devices AD783JQ Datasheet HTML 4Page - Analog Devices AD783JQ Datasheet HTML 5Page - Analog Devices AD783JQ Datasheet HTML 6Page - Analog Devices AD783JQ Datasheet HTML 7Page - Analog Devices AD783JQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD783
REV. A
–6–
DYNAMIC PERFORMANCE
The AD783 is compatible with 12-bit A-to-D converters in
terms of both accuracy and speed. The fast acquisition time, fast
hold settling time and good output drive capability allow the
AD783 to be used with high speed, high resolution A-to-D
converters like the AD671 and AD7586. The AD783’s fast
acquisition time provides high throughput rates for multichannel
data acquisition systems. Typically, the AD783 can acquire a
5 V step in less than 250 ns. Figure 1 shows the settling
accuracy as a function of acquisition time.
0.08
0.06
0.04
0.02
0
0
250
500
ACQUISITION TIME – ns
Figure 1. VOUT Settling vs. Acquisition Time
The hold settling determines the required time, after the hold
command is given, for the output to settle to its final specified
accuracy. The typical settling behavior of the AD783 is 150 ns.
The settling time of the AD783 is sufficiently fast to allow the
SHA, in most cases, to directly drive an A-to-D converter
without the need for an added “start convert” delay.
HOLD MODE OFFSET
The dc accuracy of the AD783 is determined primarily by the
hold mode offset. The hold mode offset refers to the difference
between the final held output voltage and the input signal at the
time the hold command is given. The hold mode offset arises
from a voltage error introduced onto the hold capacitor by
charge injection of the internal switches. The nominal hold
mode offset is specified for a 0 V input condition. Over the in-
put range of –2.5 V to +2.5 V, the AD783 is also characterized
for an effective gain error and nonlinearity of the held value, as
shown in Figure 2. As indicated by the AD783 specifications,
the hold mode offset is very stable over temperature.
NONLINEARITY
GAIN ERROR
V
, VOLTS
IN
–2.5
+2.5
+1
HOLD MODE OFFSET
–1
(VOUT HOLD – VIN), mV
Figure 2. Hold Mode Offset, Gain Error and Nonlinearity
For applications where it is important to obtain zero offset, the
hold mode offset may be nulled externally at the input to the
A-to-D converter. Adjustment of the offset may be accom-
plished through the A-to-D itself or by an external amplifier
with offset nulling capability (e.g., AD711). The offset will
change less than 0.5 mV over the specified temperature range.
SUPPLY DECOUPLING AND GROUNDING
CONSIDERATIONS
As with any high speed, high resolution data acquisition system,
the power supplies should be well regulated and free from
excessive high frequency noise (ripple). The supply connection
to the AD783 should also be capable of delivering transient
currents to the device. To achieve the specified accuracy and
dynamic performance, decoupling capacitors must be placed
directly at both the positive and negative supply pins to com-
mon. Ceramic type 0.1
µF capacitors should be connected from
VCC and VEE to common.
ANALOG
P.S.
DIGITAL
P.S.
+5V
C
–5V
C
+5V
0.1
µF 0.1µF1µF1µF1µF
AD783
DIGITAL
DATA
OUTPUT
SIGNAL GROUND
INPUT
ANALOG-TO-DIGITAL
CONVERTER
Figure 3. Basic Grounding and Decoupling Diagram


Số phần tương tự - AD783JQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD783JQ AD-AD783JQ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
More results

Mô tả tương tự - AD783JQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD783 AD-AD783_15 Datasheet
703Kb / 9P
   Complete Very High Speed Sample and Hold Amplifier
REV. B
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
   Complete 700 ns Sample-and-hold amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
   Complete 700 ns Sample and Hold Amplifier
REV. A
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
NXP Semiconductors
TDA1535B PHILIPS-TDA1535B Datasheet
237Kb / 6P
   HIGH-SPEED SINGLE SAMPLE-AND-HOLD AMPLIFIER
March 1991
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com