công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA00CC0WCPTR bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BA00CC0WCPTR
Giải thích chi tiết về linh kiện  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WCPTR bảng dữ liệu(HTML) 1 Page - Rohm

  BA00CC0WCPTR Datasheet HTML 1Page - Rohm BA00CC0WCPTR Datasheet HTML 2Page - Rohm BA00CC0WCPTR Datasheet HTML 3Page - Rohm BA00CC0WCPTR Datasheet HTML 4Page - Rohm BA00CC0WCPTR Datasheet HTML 5Page - Rohm BA00CC0WCPTR Datasheet HTML 6Page - Rohm BA00CC0WCPTR Datasheet HTML 7Page - Rohm BA00CC0WCPTR Datasheet HTML 8Page - Rohm BA00CC0WCPTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/22
Datasheet
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
White LED Driver
With PWM Brightness Control
for up to 11 LEDs in Series
BD60A00NUX
BD60A60NUX
●General Description
This IC is boost DC/DC converter that can drive white
LED with constant current. More stabled white LED
lighting can be achieved by direct current connection
without electric tolerance and High-speed response by
current mode. Moreover, separating IC power supply
(2.7V to 5.5V) and coil power supply (2.3V to 20V)
makes it possible to widen input range, which will be
helpful to be applied to various kinds of applications.
Over voltage setting can be selected corresponding to
the number of LED lightings. BD60A00NUX is for max
11 lightings, BD60A60NUX is for max 6 lightings.
●Features
Boost DC/DC converter
Drive LED 11 lightings
(VOUT=3.6V×11+0.7V=40.3V <VF MAX=3.7V>)
BD60A00NUX
Brightness control by outside PWM signal (PWM
frequency =100Hz to 30kHz, 25kHz 1% dimming
application)
Brightness control by DC input
Soft start function (1ms Typ.)
Over voltage protection
BD60A00NUX:
42V (Typ.)
BD60A60NUX:
28V (Typ.)
SBD open protection and output short protection
Over current protection
LED terminal over voltage protection
UVLO
●Key Specifications
Operating power supply voltage range: 2.7V to 5.5V
LED maximum current:
30mA (Max.)
Switching Frequency:
600kHz(Typ.)
Quiescent Current:
0.1μA (Typ.)
Operating temperature range:
-40˚C to +85˚C
●Package
W(Typ.) x D(Typ.) x H(Max.)
●Applications
Digital video cameras, digital single-lens reflexes,
digital still cameras, digital photo frames, personal
navigations (PND), mobile phones, smart phones, MID,
PDA, hand-held computers, MP3 players, GPS, digital
media players, etc.
●Typical Application Circuit
VSON008X2030
2.00mm x 3.00mm x 0.60mm
L1
10μH
SW
EN
GND
FB
VIN
Ccoil
4.7μF
COUT
2.2μF
Coil Power
2.3V to 20V
D1
VOUT
CIN
1μF
11 LEDs
PWM
PWM control
IC Power
2.7V to 5.5V
ISET
Enable control
BD60AxxNUX


Số phần tương tự - BA00CC0WCPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA00CC0WCP-E2 ROHM-BA00CC0WCP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WCP-TR ROHM-BA00CC0WCP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
More results

Mô tả tương tự - BA00CC0WCPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com